Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK001SF Arkusz danych(PDF) 1 Page - KODENSHI_AUK CORP.

Numer części STK001SF
Szczegółowy opis  Advanced N-Ch Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KODENSHI [KODENSHI_AUK CORP.]
Strona internetowa  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STK001SF Arkusz danych(HTML) 1 Page - KODENSHI_AUK CORP.

  STK001SF Datasheet HTML 1Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 2Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 3Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 4Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 5Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 6Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 7Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T5C044-001
1
STK001SF
Advanced N-Ch Trench MOSFET
PIN Connection
SOT-23F
G
S
PORTABLE EQUIPMENT APPLICATION
Features
 Low Voltage : BVDSS=20V(Min.)
 Low VGS(th) : VGS(th)=0.6~1.2V
 Small footprint due to small package
 Low RDS(on) : RDS(on)=33mΩ(Typ.)
Ordering Information
Marking Diagram
Absolute maximum ratings (T
A=25C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Gate-source voltage
VGSS
12
V
Drain current (DC) *
ID
3.2
A
Drain current (Pulsed) *
IDM
12.8
A
Power dissipation **
PD
0.35
W
Avalanche current (Single)
IAS
3.2
A
Single pulsed avalanche energy
EAS
30
mJ
Avalanche current (Repetitive)
IAR
3.2
A
Repetitive avalanche energy
EAR
2.5
mJ
Junction temperature
TJ
150
C
Storage temperature range
Tstg
-55~150
* Limited by maximum junction temperature
** Device mounted on a glass-epoxy board
Characteristic
Symbol
Typ.
Max.
Unit
Thermal
resistance
Junction-ambient
Rth(J-A)
-
357
C/W
K01 : Specific Device Code
: year & week Code Marking
Type No.
Marking
Package Code
STK001SF
K01 □
SOT-23F
K01 □
D
G
S
D


Podobny numer części - STK001SF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STK001SF AUK-STK001SF Datasheet
325Kb / 8P
   N-channel Trench MOSFET
More results

Podobny opis - STK001SF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
STK830D KODENSHI-STK830D Datasheet
470Kb / 8P
   Advanced N-Ch Power MOSFET
logo
Shenzhen Foster Semicon...
FIR5N60FG FOSTER-FIR5N60FG Datasheet
5Mb / 9P
   Advanced N-Ch Power MOSFET
logo
KODENSHI_AUK CORP.
SUN08A50D KODENSHI-SUN08A50D Datasheet
487Kb / 8P
   Advanced N-Ch Power MOSFET
SUN09A40D KODENSHI-SUN09A40D Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
SUN0550D KODENSHI-SUN0550D Datasheet
310Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0260I KODENSHI-SMK0260I Datasheet
533Kb / 8P
   Advanced N-Ch Power MOSFET
SMN0665FD KODENSHI-SMN0665FD Datasheet
429Kb / 8P
   Advanced N-Ch Power MOSFET
SNN5010D KODENSHI-SNN5010D Datasheet
409Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0460FG KODENSHI-SMK0460FG Datasheet
365Kb / 8P
   Advanced N-Ch Power MOSFET
SMK1060FG KODENSHI-SMK1060FG Datasheet
335Kb / 8P
   Advanced N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com