Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4861-3 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADA4861-3
Szczegółowy opis  High Speed, Low Cost, Triple Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4861-3 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADA4861-3_15 Datasheet HTML 5Page - Analog Devices ADA4861-3_15 Datasheet HTML 6Page - Analog Devices ADA4861-3_15 Datasheet HTML 7Page - Analog Devices ADA4861-3_15 Datasheet HTML 8Page - Analog Devices ADA4861-3_15 Datasheet HTML 9Page - Analog Devices ADA4861-3_15 Datasheet HTML 10Page - Analog Devices ADA4861-3_15 Datasheet HTML 11Page - Analog Devices ADA4861-3_15 Datasheet HTML 12Page - Analog Devices ADA4861-3_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ADA4861-3
Rev. A | Page 8 of 16
200
100
0
–100
–200
2.7
2.6
2.5
2.4
2.3
G = +1
VOUT = 0.2V p-p
TIME = 5ns/DIV
VS = +5V
VS = ±5V
200
100
0
–100
–200
2.7
2.6
2.5
2.4
2.3
G = +2
VOUT = 0.2V p-p
TIME = 5ns/DIV
VS = +5V
VS = ±5V
Figure 16. Small Signal Transient Response for Various Supplies
Figure 19. Small Signal Transient Response for Various Supplies
200
100
0
–100
–200
VS = ±5V
G = +1
VOUT = 0.2V p-p
TIME = 5ns/DIV
CL = 9pF
CL = 4pF
CL = 6pF
200
100
0
–100
–200
VS = ±5V
G = +2
VOUT = 0.2V p-p
TIME = 5ns/DIV
CL = 9pF
CL = 4pF
CL = 6pF
Figure 17. Small Signal Transient Response for Various Capacitor Loads
Figure 20. Small Signal Transient Response for Various Capacitor Loads
2.7
2.6
2.5
2.4
2.3
VS = 5V
G = +1
VOUT = 0.2V p-p
TIME = 5ns/DIV
CL = 9pF
CL = 4pF
CL = 6pF
2.7
2.6
2.5
2.4
2.3
VS = 5V
G = +2
VOUT = 0.2V p-p
TIME = 5ns/DIV
CL = 9pF
CL = 4pF
CL = 6pF
Figure 21. Small Signal Transient Response for Various Capacitor Loads
Figure 18. Small Signal Transient Response for Various Capacitor Loads


Podobny numer części - ADA4861-3_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4861-3 AD-ADA4861-3_16 Datasheet
704Kb / 17P
   High Speed, Low Cost, Triple Op Amp
More results

Podobny opis - ADA4861-3_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4861-3 AD-ADA4861-3_16 Datasheet
704Kb / 17P
   High Speed, Low Cost, Triple Op Amp
ADA4861-3 AD-ADA4861-3 Datasheet
687Kb / 16P
   High Speed, Low Cost, Triple Op Amp
REV. A
ADA4862-3 AD-ADA4862-3 Datasheet
381Kb / 16P
   High Speed, G = 2, Low Cost, Triple Op Amp
REV. A
ADA4862-3 AD-ADA4862-3_16 Datasheet
342Kb / 17P
   High Speed, G = 2, Low Cost, Triple Op Amp
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
   Low Cost, Triple Op Amp
REV. A
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1 AD-ADA4860-1_15 Datasheet
888Kb / 21P
   High Speed, Low Cost, Op Amp
REV. 0
ADA4860-1 AD-ADA4860-1 Datasheet
760Kb / 20P
   High Speed, Low Cost, Op Amp
REV. 0
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com