Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAR7251 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADAR7251
Szczegółowy opis  4-Channel, 16-Bit, Continuous Time Data Acquisition ADC
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADAR7251 Arkusz danych(HTML) 5 Page - Analog Devices

  ADAR7251_15 Datasheet HTML 1Page - Analog Devices ADAR7251_15 Datasheet HTML 2Page - Analog Devices ADAR7251_15 Datasheet HTML 3Page - Analog Devices ADAR7251_15 Datasheet HTML 4Page - Analog Devices ADAR7251_15 Datasheet HTML 5Page - Analog Devices ADAR7251_15 Datasheet HTML 6Page - Analog Devices ADAR7251_15 Datasheet HTML 7Page - Analog Devices ADAR7251_15 Datasheet HTML 8Page - Analog Devices ADAR7251_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
Data Sheet
ADAR7251
Rev. 0 | Page 5 of 72
SPECIFICATIONS
ANALOG CHANNEL
AVDDx = 3.3 V, DVDDx = 1.8 V, IOVDDx = 3.3 V, VREF = 1.5 V internal/external reference, fSAMPLE = 1.2 MSPS, TAMB = −40°C to +125°C,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Input Referred Noise Spectral Density
Frequency = 100 Hz
Gain = 9 dB
44.7
nV/√Hz
Gain = 15 dB
23.6
nV/√Hz
Gain = 21 dB
15
nV/√Hz
Gain = 27 dB
12
nV/√Hz
Gain = 33 dB
11.3
nV/√Hz
Gain = 39 dB
10.9
nV/√Hz
Gain = 45 dB
10.8
nV/√Hz
Frequency = 1 kHz
Gain = 9 dB
16
nV/√Hz
Gain = 15 dB
8.7
nV/√Hz
Gain = 21 dB
5.4
nV/√Hz
Gain = 27 dB
4.3
nV/√Hz
Gain = 33 dB
4
nV/√Hz
Gain = 39 dB
3.86
nV/√Hz
Gain = 45 dB
3.83
nV/√Hz
Frequency = 100 kHz
Gain = 9 dB
9.7
nV/√Hz
Gain = 15 dB
5.2
nV/√Hz
Gain = 21 dB
3.3
nV/√Hz
Gain = 27 dB
2.67
nV/√Hz
Gain = 33 dB
2.5
nV/√Hz
Gain = 39 dB
2.44
nV/√Hz
Gain = 45 dB
2.4
nV/√Hz
Equalizer Corner Frequency
Setting 1 EQ00
54
kHz
Setting 2 EQ01
45
kHz
Setting 3 EQ10
37
kHz
Setting 4 EQ11
32
kHz
Signal to Noise Ratio (SNR)
No input signal and reference to 0 dBFS
88
94
dB
Spurious-Free Dynamic Range (SFDR)
At −3 dBFS input, 100 kHz
68
82
dB
Total Harmonic Distortion Plus Noise (THD + N)
At −3 dBFS input, 100 kHz
−80
−66
dB
At −1 dBFS input, 100 kHz
−77
−62
dB
Channel to Channel Crosstalk
At 50 kHz, −3 dBFS input
−94
−89
dB
Interchannel Gain Mismatch
−0.5
0
+0.5
dB
Interchannel Phase Mismatch
0.04
Degrees
DC Offset
−72
dBFS
Power Supply Rejection
Ripple = 100 mV rms on AVDDx at
1 kHz
65
dB


Podobny numer części - ADAR7251_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAR1000 AD-ADAR1000 Datasheet
1Mb / 65P
   8 GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
ADAR2001 AD-ADAR2001 Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
ADAR2001-EVALZ AD-ADAR2001-EVALZ Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
ADAR2001ACCZ AD-ADAR2001ACCZ Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
ADAR2001ACCZ-R7 AD-ADAR2001ACCZ-R7 Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
More results

Podobny opis - ADAR7251_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Analog Devices
AD974 AD-AD974_15 Datasheet
206Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974 Datasheet
202Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974_17 Datasheet
237Kb / 21P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
AD974BRSZ AD-AD974BRSZ Datasheet
189Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
AD8401 AD-AD8401 Datasheet
225Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com