Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAU1513 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADAU1513
Szczegółowy opis  Class-D Audio Power Stage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADAU1513 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADAU1513_15 Datasheet HTML 2Page - Analog Devices ADAU1513_15 Datasheet HTML 3Page - Analog Devices ADAU1513_15 Datasheet HTML 4Page - Analog Devices ADAU1513_15 Datasheet HTML 5Page - Analog Devices ADAU1513_15 Datasheet HTML 6Page - Analog Devices ADAU1513_15 Datasheet HTML 7Page - Analog Devices ADAU1513_15 Datasheet HTML 8Page - Analog Devices ADAU1513_15 Datasheet HTML 9Page - Analog Devices ADAU1513_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADAU1513
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
OUTL–
OUTL–
OUTL–
OUTL+
OUTL+
OUTL+
INL–
INL+
OTW
TEST2
TEST3
OUTR–
OUTR–
OUTR+
OUTR+
OUTR+
TEST13
TEST12
TEST11
TEST10
TEST9
TEST8
35
OUTR–
36
34
33
32
31
30
29
28
27
26
25
ADAU1513
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
ERR
NOTES
1. EPAD NOT SHOWN AND INTERNALLY CONNECTED TO
PGND, DGND, AND AGND FOR TQFP-48.
2. EPAD NOT SHOWN AND INTERNALLY CONNECTED TO
PGND AND DGND FOR LFCSP-48.
Figure 4. Pin Configuration
Table 7. Pin Function Descriptions
Pin Number
Mnemonic
Type1
Description
1, 2, 3
OUTL−
O
Output of High Power Transistors, Left Channel Negative Polarity.
4, 5, 6
OUTL+
O
Output of High Power Transistors, Left Channel Positive Polarity.
7
INL−
I
Differential PWM Left Input (−).
8
INL+
I
Differential PWM Left Input (+).
9
ERR
O
Overtemperature Shutdown Error Indicator (Active Low Open-Drain Output).
10
OTW
O
Overtemperature Warning Indicator (Active Low Open-Drain Output).
11
TEST2
I
Reserved for Internal Use. Connect to DGND.
12
TEST3
I
Reserved for Internal Use. Connect to DVDD.
13
INR−
I
Differential PWM Right Input (−).
14
INR+
I
Differential PWM Right Input (+).
15
MUTE
I
Mute (Active Low Input).
16
STDN
I
Shutdown/Reset Input (Active Low Input).
17
TEST4
I
Reserved for Internal Use. Connect to DGND.
18
TEST5
O
Reserved for Internal Use. Do not connect.
19
DGND
P
Digital Ground for Digital Circuitry. Internally connected to exposed pad (ePAD)2.
20
DVDD
P
Positive Supply for Digital Circuitry.
21
AVDD
P
Positive Supply for Analog Circuitry (Can be Tied to DVDD).
22
AGND
P
Analog Ground for Analog Circuitry. Internally connected to ePAD2. Can be tied to DGND.
23
TEST6
I
Reserved for Internal Use. Connect to DGND.
24
TEST7
I
Reserved for Internal Use. Connect to DGND.
25
TEST8
I
Reserved for Internal Use. Connect to DGND.
26
TEST9
I
Reserved for Internal Use. Connect to DGND.
27
TEST10
I
Reserved for Internal Use. Connect to DGND.
28
TEST11
I
Reserved for Internal Use. Connect to DGND.
29
TEST12
I
Reserved for Internal Use. Connect to DGND.
30
TEST13
I
Reserved for Internal Use. Connect to DGND.
31, 32, 33
OUTR+
O
Output of High Power Transistors, Right Channel Positive Polarity.


Podobny numer części - ADAU1513_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1513ACPZ AD-ADAU1513ACPZ Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513ACPZ-RL AD-ADAU1513ACPZ-RL Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513ACPZ-RL7 AD-ADAU1513ACPZ-RL7 Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513ASVZ AD-ADAU1513ASVZ Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513ASVZ-RL AD-ADAU1513ASVZ-RL Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
More results

Podobny opis - ADAU1513_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
AD1991 AD-AD1991 Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
   Class D/1-Bit Audio Power Output Stage
REV. 0
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com