Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADD8708 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADD8708
Szczegółowy opis  18-Channel Gamma Buffer with Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADD8708 Arkusz danych(HTML) 3 Page - Analog Devices

  ADD8708_15 Datasheet HTML 1Page - Analog Devices ADD8708_15 Datasheet HTML 2Page - Analog Devices ADD8708_15 Datasheet HTML 3Page - Analog Devices ADD8708_15 Datasheet HTML 4Page - Analog Devices ADD8708_15 Datasheet HTML 5Page - Analog Devices ADD8708_15 Datasheet HTML 6Page - Analog Devices ADD8708_15 Datasheet HTML 7Page - Analog Devices ADD8708_15 Datasheet HTML 8Page - Analog Devices ADD8708_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADD8708
Rev. 0 | Page 3 of 16
ELECTRICAL CHARACTERISTICS
VDD = 16 V, TA @ 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
GAMMA CURVE CHARACTERISTICS
Accuracy
RACC1
0.1
0.4
%
Programming Resolution
RRES
500 segments
0.2
%
Total Resistor String
RTOTAL
15
kΩ
BUFFER CHARACTERISTICS
OUTPUTS
Output Voltage Range (Ch18 to Ch10)
VOUT
IL = 100 µA
1.4
VDD
V
Output Voltage Range (Ch9 to Ch1)
VOUT
IL = 100 µA
0
VDD
− 1.4
V
Output vs. Load (Ch18, Ch17, Ch2, Ch1)
∆VOUT2
IL = 20 mA
15
mV
Output vs. Load (Ch16 to Ch3)
∆VOUT2
IL = 5 mA
5
mV
INPUTS
Offset Voltage
VOS
5
15
mV
Offset Voltage Drift
∆VOS/∆T
−40°C ≤ TA ≤ +105°C
20
µV/°C
Input Bias Current
IB
−40°C ≤ TA ≤ +105°C
0.5
1.5
µA
Input Voltage Range (Ch18 to Ch10)
VIN
1.4
VDD
V
Input Voltage Range (Ch9 to Ch1)
VIN
0
VDD
− 1.4
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 200 pF
4
6
V/µs
Bandwidth
BW
–3 dB, RL = 10 kΩ, CL = 200 pF
4.5
MHz
Settling Time to 0.1%
tS
1 V, RL = 10 kΩ, CL = 200 pF
1.1
µs
Phase Margin
Фo
RL = 10 kΩ, CL = 200 pF
55
Degrees
Power Supply Rejection Ratio
PSRR
VDD = 7 V to 17 V,
−40°C ≤ TA ≤ +105°C
68
90
dB
VOLTAGE REGULATOR
Programmable Range
VREG OUT
5
VDD
− 0.6
V
Initial Regulator Accuracy
VACC
No load; VREG OUT = 14.4V
0.4
1.5
%
Dropout Voltage
VDO
IL = 100 µA
100
150
mV
IL = 5 mA
310
350
mV
Line Regulation
REGLINE
VIN = 8.5 V to 16.5 V, VOUT = 8 V
0.01
0.20
%/V
Load Regulation
REGLOAD
IO = 100 µA to 10 mA
0.02
0.10
%/mA
Maximum Load Current
IO
−40°C ≤ TA ≤ +105°C
5
mA
Feedback Reference Voltage
VREF
1.2
V
Feedback Input Bias Current
IB FB
−40°C ≤ TA ≤ +105°C
-150
10
150
nA
SYSTEM ACCURACY
Total Error3, 4
VTotal Error
−40°C ≤ TA ≤ +105°C
0.5
3
%
POWER SUPPLY
Supply Voltage
VDD
7.5
16
V
Supply Current
ISY
No load;
−40°C ≤ TA ≤ +105°C
9.5
16
mA
1 Gamma curve accuracy includes resistor matching and buffer errors, but excludes the regulator error.
2 ∆VOUT is the shift from the desired output voltage under the specified current load.
3 Total error is the difference between the designed and actual output voltage divided by the actual regulator output voltage or full-scale voltage.
4 Total error includes regulator error, resistor string error, bias current effects, and buffer offset voltage.


Podobny numer części - ADD8708_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADD8708WCPZ-REEL7 AD-ADD8708WCPZ-REEL7 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708WSTZ-REEL AD-ADD8708WSTZ-REEL Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results

Podobny opis - ADD8708_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com