Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADD8754 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADD8754
Szczegółowy opis  LCD Panel Power, V, and Gate Modulation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADD8754 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADD8754_15 Datasheet HTML 2Page - Analog Devices ADD8754_15 Datasheet HTML 3Page - Analog Devices ADD8754_15 Datasheet HTML 4Page - Analog Devices ADD8754_15 Datasheet HTML 5Page - Analog Devices ADD8754_15 Datasheet HTML 6Page - Analog Devices ADD8754_15 Datasheet HTML 7Page - Analog Devices ADD8754_15 Datasheet HTML 8Page - Analog Devices ADD8754_15 Datasheet HTML 9Page - Analog Devices ADD8754_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADD8754
Rev. 0 | Page 6 of 28
GATE PULSE MODULATOR SPECIFICATIONS
VIN_1 = VIN_2 = SHDN = 5 V, VGH = 20 V, VDD_1 = 14 V, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
VGH Voltage
VGH
7
30
V
VGH Input Current
IVGH
VFLK = GND, VDPM = LDO_OUT
95
μA
VDD_1 Voltage
7
VGH
V
VDD_1 Input Current
IVDD_1
VFLK = VDPM = LDO_OUT
0.02
μA
CONTROL INPUT CHARACTERISTICS
VFLK Voltage Low
VLOWFLK
0.8
V
VFLK Voltage High
VHIGHFLK
2.2
V
VFLK Input Current
IFLK
0.9 ≤ VFLK ≤ LDO_OUT
−1
+1
μA
VDPM Voltage Low
VLOWDPM
0.8
V
VDPM Voltage High
VHIGHDPM
2.2
V
VDPM Input Current
IVDPM
0.9 ≤ VDPM ≤ LDO_OUT
−1
+1
μA
SWITCHING CHARACTERISTICS
VGH to VGH_M On Resistance
RVGH
VDPM = VFLK = LDO_OUT
60
Ω
VGH_M Discharge Current1
IVGH_M
VFLK < 0.8 V, RE = 33 kΩ
8.0
mA
DELAY CHARACTERISTICS
Delay Time2
TDELAY
CE = 470 pF, RE = 33 kΩ
1.88
μs
1 Discharge current = 302.5/(RE + 5000).
2 Delay time = CE × 4200.
GENERAL SPECIFICATIONS
VIN_1 = VIN_2 = SHDN = 5 V, TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SHUTDOWN
Input Voltage Low
VIL
0.8
V
Input Voltage High
VIH
2.2
V
Shutdown Pin Input Current
GND ≤ SHDN ≤ 5.5 V
−1
+1
μA
Total Ground Current
SHDN = GND
2.0
μA
Total VIN Current (IVIN_1 + IVIN_2)
SHDN = GND
−1
+1
μA
UNDERVOLTAGE LOCKOUT
UVLO Rising Threshold
VUVLOR
VIN_1 rising
2.8
V
UVLO Falling Threshold
VUVLOF
VIN_1 falling
2.6
V
QUIESCENT CURRENT
Step-Up Regulator in Nonswitching State
IQ
300
500
μA
Step-Up Regulator in Switching State
IQSW
2
3
mA


Podobny numer części - ADD8754_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
   Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8754ACPZ-REEL AD-ADD8754ACPZ-REEL Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754ACPZ-REEL7 AD-ADD8754ACPZ-REEL7 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
More results

Podobny opis - ADD8754_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADD8754 AD-ADD8754 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
   Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8733 AD-ADD8733 Datasheet
250Kb / 16P
   Integrated TFT Panel Power Supply with Gate Modulation and VCOM
Rev. PrA
logo
Toshiba Semiconductor
BT6K48-AS TOSHIBA-BT6K48-AS Datasheet
184Kb / 18P
   Gate Driver for TFT LCD Panel
JBT6L78-AS TOSHIBA-JBT6L78-AS Datasheet
164Kb / 14P
   Gate Driver for TFT LCD Panel
logo
Lowpower Semiconductor ...
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
   LCD Bias Power for Panel
logo
Silicon Mitus, Inc.
SM4007 SILICONMITUS-SM4007 Datasheet
262Kb / 1P
   Notebook and Tablet LCD Panel Level-shifter with 8-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
SM4402 SILICONMITUS-SM4402 Datasheet
263Kb / 1P
   Notebook and Tablet LCD Panel Level-shifter with 13-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
   TFT LCD Panel Power Module
REV. D
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
   TFT LCD Panel Power Module
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com