Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADDAC87D-CBI-V Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADDAC87D-CBI-V
Szczegółowy opis  Complete Low Cost 12-Bit D/A Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADDAC87D-CBI-V Arkusz danych(HTML) 5 Page - Analog Devices

  ADDAC87D-CBI-V Datasheet HTML 1Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 2Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 3Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 4Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 5Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 6Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 7Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 8Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
–5–
ADDAC80/ADDAC85/ADDAC87
ADDAC85LD
ADDAC85MIL
ADDAC87
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
TECHNOLOGY
Hybrid
Hybrid
Hybrid
DIGITAL INPUT
Binary–CBI
12
12
12
Bits
BCD–CCD
Digits
Logic Levels (TTL Compatible)
VIH (Logic “1”)
2.0
5.5
2.0
5.5
2.0
5.5
V
VIL (Logic “0”)
0
0.8
0
0.8
0
0.8
V
IIH (VIH = 5.5 V)
250
250
250
µA
IIL (VIL = 0.8 V)
–100
–100
–100
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error @ 25
°C
CBI
±1/2
±1/2
±1/4
±1/2
LSB
1
CCD
LSB
TA @ TMIN to TMAX
±1/2
±3/4
±3/4
LSB
Differential Linearity Error @ 25
°C
CBI
±1/2
±1/2
±1/2
LSB
CCD
LSB
TA @ TMIN to TMAX
±1
±1
±1
LSB
Gain Error
2
±0.1
±0.1
±0.1
±0.2
%FSR
3
Offset Error
2
±0.05
±0.05
±0.05 ±0.1
%FSR
3
Temperature Range for Guaranteed
Monotonicity
–25
+85
–55
+125
–55
+125
°C
DRIFT (TMIN to TMAX)
Total Bipolar Drift, max (includes gain,
offset, and linearity drifts)
±15
±30
ppm of FSR/
°C
Total Error (TMIN to TMAX)
4
Unipolar
±0.13 ±0.30
% of FSR
Bipolar
±0.12 ±0.24
% of FSR
Gain
Including Internal Reference
±10
±20
±10
±25
ppm of FSR/
°C
Excluding Internal Reference
±5
±10
ppm of FSR/
°C
Unipolar Offset
±1
±2
±1
±3
ppm of FSR/
°C
Bipolar Offset
±5
±10
±5
±10
ppm of FSR/
°C
CONVERSION SPEED
Voltage Model (V)
5
Settling Time to
±0.01% of FSR
for FSR change (2 k
Ω 500 pF load)
with 10 k
Ω Feedback
5
5
5
µs
with 5 k
Ω Feedback
3
3
3
µs
For LSB Change
1.5
1.5
1.5
µs
Slew Rate
20
20
20
V/
µs
Current Model (I)
Settling Time to
±0.01% of FSR
for FSR Change
10
Ω to 100 Ω Load
300
300
300
ns
for 1 k
111
µs
ANALOG OUTPUT
Voltage Models
Ranges–CBI
±2.5, ±5,
±2.5, ±5,
±2.5, ±5,
±10, +5,
±10, +5,
±10, +5,
+10
+10
+10
V
Ranges–CCD
V
Output Current
±5
±5
±5mA
Output Impedance (dc)
0.05
0.05
0.05
Short Circuit Duration
Indefinite to Common
Indefinite to Common
Indefinite to Common
Current Models
Ranges–Unipolar
–2.0
–2.0
–2.0
mA
Ranges–Bipolar
±1.0
±1.0
±1.0
mA
Output Impedance
Bipolar
3.2
3.2
2.5
3.2
4.1
k
Unipolar
6.6
6.6
5.0
6.6
8.2
k
Compliance
–2.5, +10
–2.5, +10
–1.5, +10
V
Internal Reference Voltage (VR)
6.17
6.3
6.43
6.17
6.3
6.43
6.17
6.3
6.43
V
Output Impedance
1.5
1.5
1.5
Max External Current
6
2.5
2.5
2.5
mA
Tempco of Drift
±10
±20
±10
±20
±5
±10
ppm of VR/
°C
POWER SUPPLY SENSITIVITY
±15 V ± 10%, 5 V supply when applicable
±0.002
±0.002
±0.002 ±0.003
% of FSR/%VS


Podobny numer części - ADDAC87D-CBI-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADDAC87D-CBI-V AD-ADDAC87D-CBI-V Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
More results

Podobny opis - ADDAC87D-CBI-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87 AD-ADDAC87_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC85 AD-ADDAC85_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com