Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4001BRUZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADF4001BRUZ
Szczegółowy opis  200 MHz Clock Generator PLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4001BRUZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADF4001BRUZ Datasheet HTML 2Page - Analog Devices ADF4001BRUZ Datasheet HTML 3Page - Analog Devices ADF4001BRUZ Datasheet HTML 4Page - Analog Devices ADF4001BRUZ Datasheet HTML 5Page - Analog Devices ADF4001BRUZ Datasheet HTML 6Page - Analog Devices ADF4001BRUZ Datasheet HTML 7Page - Analog Devices ADF4001BRUZ Datasheet HTML 8Page - Analog Devices ADF4001BRUZ Datasheet HTML 9Page - Analog Devices ADF4001BRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
REV.
ADF4001
–6–
CIRCUIT DESCRIPTION
Reference Input Section
The reference input stage is shown in Figure 2. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
POWER-DOWN
CONTROL
TO
R COUNTER
NC
NO
SW1
SW3
SW2
NC
100k
REFIN
BUFFER
Figure 2. Reference Input Stage
RF Input Stage
The RF input stage is shown in Figure 3. It is followed by a
two-stage limiting amplifier to generate the CML clock levels
needed for the N counter buffer.
RFINB
RFINA
2k
AGND
AVDD
BIAS
GENERATOR
2k
1.6V
Figure 3. RF Input Stage
N Counter
The N CMOS counter allows a wide ranging division ratio
in the PLL feedback counter. Division ratios of 1 to 8191
are allowed.
N and R Relationship
The N counter with the R counter make it possible to generate
output frequencies that are spaced only by the reference fre-
quency divided by R. The equation for the VCO frequency is
fN R
f
VCO
REFIN
fVCO is the output frequency of the external voltage cotrolled
oscillator (VCO).
N is the preset divide ratio of the binary 13-bit counter
(1 to 8,191).
fREFIN is the external reference frequency oscillator.
R is the preset divide ratio of the binary 14-bit programmable
reference counter (1 to 16,383).
TO PFD
13-BIT N
COUNTER
FROM
N COUNTER LATCH
FROM RF
INPUT STAGE
Figure 4. N Counter
R Counter
The 14-bit R counter allows the input reference frequency to be
divided down to produce the reference clock to the phase frequency
detector (PFD). Division ratios from 1 to 16,383 are allowed.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 5 is a simplified schematic.
The PFD includes a programmable delay element that controls
the width of the antibacklash pulse. This pulse ensures that no
dead zone is in the PFD transfer function and minimizes phase
noise and reference spurs. Two bits in the reference counter
latch, ABP2 and ABP1, control the width of the pulse (see
Table III).
DELAY
R DIVIDER
N DIVIDER
CP OUTPUT
HI
HI
CPGND
VP
CHARGE
PUMP
UP
CP
DOWN
N DIVIDER
R DIVIDER
D1
Q1
U1
CLR1
D2
CLR2
Q2
U2
U3
Figure 5. PFD Simplified Schematic and Timing (In Lock)
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4001 family allows the
user to access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2, and M1 in the function
latch. Table V shows the full truth table. Figure 6 shows the
MUXOUT section in block diagram form.
B


Podobny numer części - ADF4001BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4001BRUZ AD-ADF4001BRUZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BRUZ-R7 AD-ADF4001BRUZ-R7 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BRUZ-RL AD-ADF4001BRUZ-RL Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

Podobny opis - ADF4001BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
   PLL clock generator series
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
   LOCO??PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com