Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4001BRUZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADF4001BRUZ
Szczegółowy opis  200 MHz Clock Generator PLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4001BRUZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADF4001BRUZ Datasheet HTML 4Page - Analog Devices ADF4001BRUZ Datasheet HTML 5Page - Analog Devices ADF4001BRUZ Datasheet HTML 6Page - Analog Devices ADF4001BRUZ Datasheet HTML 7Page - Analog Devices ADF4001BRUZ Datasheet HTML 8Page - Analog Devices ADF4001BRUZ Datasheet HTML 9Page - Analog Devices ADF4001BRUZ Datasheet HTML 10Page - Analog Devices ADF4001BRUZ Datasheet HTML 11Page - Analog Devices ADF4001BRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
REV.
ADF4001
–8–
Table III. Reference Counter Latch Map
LDP
OPERATION
0THREE CONSECUTIVE CYCLES OF PHASE DELAY LESS THAN
15ns MUST OCCUR BEFORE LOCK DETECT IS SET.
1FIVE CONSECUTIVE CYCLES OF PHASE DELAY LESS THAN
15ns MUST OCCUR BEFORE LOCK DETECT IS SET.
ABP2
ABP1
ANTIBACKLASH PULSE WIDTH
00
2.9ns
01
1.3ns
10
6.0ns
11
2.9ns
R14
R13
R12
..........
R3
R2
R1
DIVIDE RATIO
000
..........
0011
000
..........
0102
000
..........
0113
000
..........
1004
...
..........
....
...
..........
....
...
..........
....
111
..........
100
16380
111
..........
101
16381
111
..........
110
16382
111
..........
111
16383
TEST MODE BITS SHOULD
BE SET TO 00 FOR NORMAL
OPERATION
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0) C1 (0)
R1
R2
R3
R4
R5
R7
R14
ABP1
T2
LDP
R13
R6
CONTROL
BITS
ABP2
T1
DB21
R12
R11
R10
DB22
DB23
R8
R9
RESERVED
TEST
MODE
BITS
ANTI-
BACKLASH
WIDTH
14-BIT REFERENCE COUNTER
XX
X
X = DON’T CARE
B


Podobny numer części - ADF4001BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4001BRUZ AD-ADF4001BRUZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BRUZ-R7 AD-ADF4001BRUZ-R7 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BRUZ-RL AD-ADF4001BRUZ-RL Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

Podobny opis - ADF4001BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
   PLL clock generator series
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
   LOCO??PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com