Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4113BRU-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADF4113BRU-REEL7
Szczegółowy opis  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4113BRU-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices

  ADF4113BRU-REEL7 Datasheet HTML 1Page - Analog Devices ADF4113BRU-REEL7 Datasheet HTML 2Page - Analog Devices ADF4113BRU-REEL7 Datasheet HTML 3Page - Analog Devices ADF4113BRU-REEL7 Datasheet HTML 4Page - Analog Devices ADF4113BRU-REEL7 Datasheet HTML 5Page - Analog Devices ADF4113BRU-REEL7 Datasheet HTML 6Page - Analog Devices ADF4113BRU-REEL7 Datasheet HTML 7Page - Analog Devices ADF4113BRU-REEL7 Datasheet HTML 8Page - Analog Devices ADF4113BRU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADF4110/ADF4111/ADF4112/ADF4113
Data Sheet
Rev. F | Page 4 of 28
Parameter
B Version
B Chips1
Unit
Test Conditions/Comments
POWER SUPPLIES
AVDD
2.7/5.5
2.7/5.5
V min/V max
DVDD
AVDD
AVDD
VP
AVDD/6.0
AVDD/6.0
V min/V max
AVDD ≤ VP ≤ 6.0 V. See
Figure 25 and Figure 26.
IDD5 (AIDD + DIDD)
ADF4110
5.5
4.5
mA max
4.5 mA typical.
ADF4111
5.5
4.5
mA max
4.5 mA typical.
ADF4112
7.5
6.5
mA max
6.5 mA typical.
ADF4113
11
8.5
mA max
8.5 mA typical.
IP
0.5
0.5
mA max
TA = 25°C.
Low Power Sleep Mode
1
1
µA typ
NOISE CHARACTERISTICS
ADF4113 Normalized Phase Noise Floor6
−215
−215
dBc/Hz typ
Phase Noise Performance7
@ VCO output.
ADF4110: 540 MHz Output8
−91
−91
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4111: 900 MHz Output9
−87
−87
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4112: 900 MHz Output9
−90
−90
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4113: 900 MHz Output9
−91
−91
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4111: 836 MHz Output10
−78
−78
dBc/Hz typ
@ 300 Hz offset and 30 kHz PFD frequency.
ADF4112: 1750 MHz Output11
−86
−86
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4112: 1750 MHz Output12
−66
−66
dBc/Hz typ
@ 200 Hz offset and 10 kHz PFD frequency.
ADF4112: 1960 MHz Output13
−84
−84
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4113: 1960 MHz Output13
−85
−85
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4113: 3100 MHz Output14
−86
−86
dBc/Hz typ
@ 1 kHz offset and 1 MHz PFD frequency.
Spurious Signals
ADF4110: 540 MHz Output9
−97/−106
−97/−106
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4111: 900 MHz Output9
−98/−110
−98/−110
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4112: 900 MHz Output9
−91/−100
−91/−100
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4113: 900 MHz Output9
−100/−110
−100/−110
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4111: 836 MHz Output10
−81/−84
−81/−84
dBc typ
@ 30 kHz/60 kHz and 30 kHz PFD frequency.
ADF4112: 1750 MHz Output11
−88/−90
−88/−90
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4112: 1750 MHz Output12
−65/−73
−65/−73
dBc typ
@ 10 kHz/20 kHz and 10 kHz PFD frequency.
ADF4112: 1960 MHz Output13
−80/−84
−80/−84
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4113: 1960 MHz Output13
−80/−84
−80/−84
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4113: 3100 MHz Output14
−80/−82
−82/−82
dBc typ
@ 1 MHz/2 MHz and 1 MHz PFD frequency.
1
The B chip specifications are given as typical values.
2
This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency that
is less than this value.
3
AC coupling ensures AVDD/2 bias. See Figure 33 for a typical circuit.
4
Guaranteed by design.
5
TA = 25°C; AVDD = DVDD = 3 V; P = 16; SYNC = 0; DLY = 0; RFIN for ADF4110 = 540 MHz; RFIN for ADF4111, ADF4112, ADF4113 = 900 MHz.
6
The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO, PNTOT, and subtracting 20logN (where N is the N divider
value) and 10logFPFD: PNSYNTH = PNTOT – 10logFPFD – 20logN.
7
The phase noise is measured with the EV-ADF411XSD1Z evaluation board and the HP8562E spectrum analyzer. The spectrum analyzer provides the REFIN for the
synthesizer (fREFOUT = 10 MHz @ 0 dBm). SYNC = 0; DLY = 0 (Table 7).
8
fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 540 MHz; N = 2700; loop B/W = 20 kHz.
9
fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 900 MHz; N = 4500; loop B/W = 20 kHz.
10
fREFIN = 10 MHz; fPFD = 30 kHz; offset frequency = 300 Hz; fRF = 836 MHz; N = 27867; loop B/W = 3 kHz.
11
fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 1750 MHz; N = 8750; loop B/W = 20 kHz
12
fREFIN = 10 MHz; fPFD = 10 kHz; offset frequency = 200 Hz; fRF = 1750 MHz; N = 175000; loop B/W = 1 kHz.
13
fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 1960 MHz; N = 9800; loop B/W = 20 kHz.
14
fREFIN = 10 MHz; fPFD = 1 MHz; offset frequency = 1 kHz; fRF = 3100 MHz; N = 3100; loop B/W = 20 kHz.


Podobny numer części - ADF4113BRU-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4113BRU-REEL7 AD-ADF4113BRU-REEL7 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results

Podobny opis - ADF4113BRU-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com