Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4113BRUZ-REEL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADF4113BRUZ-REEL7
Szczegółowy opis  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4113BRUZ-REEL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADF4113BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADF4113BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADF4113BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADF4113BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADF4113BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADF4113BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices ADF4113BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices ADF4113BRUZ-REEL7 Datasheet HTML 14Page - Analog Devices ADF4113BRUZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADF4110/ADF4111/ADF4112/ADF4113
Rev. F | Page 11 of 28
–100
–90
–80
–70
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VDD = 3V
VP = 5V
Figure 23. ADF4113 Phase Noise vs. Temperature
(836 MHz, 30 kHz, 3 kHz)
–100
–90
–80
–70
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VDD = 3V
VP = 5V
Figure 24. ADF4113 Reference Spurs vs. Temperature
(836 MHz, 30 kHz, 3 kHz)
0
1
2
3
4
5
6
7
8
9
10
PRESCALER VALUE
8/9
0
16/17
32/33
64/65
ADF4113
ADF4112
ADF4110
ADF4111
Figure 25. AIDD vs. Prescaler Value
0
0.5
1.0
1.5
2.0
2.5
3.0
PRESCALER OUTPUT FREQUENCY (MHz)
50
0
100
150
200
VDD = 3V
VP = 3V
Figure 26. DIDD vs. Prescaler Output Frequency
(ADF4110, ADF4111, ADF4112, ADF4113)
–6
–4
–2
–3
–5
0
–1
2
1
4
3
6
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCP (V)
VPP = 5V
ICP = 5mA
Figure 27. Charge Pump Output Characteristics for ADF4110 Family


Podobny numer części - ADF4113BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4113BRUZ-REEL7 AD-ADF4113BRUZ-REEL7 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results

Podobny opis - ADF4113BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com