Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4113BCHIPS Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADF4113BCHIPS
Szczegółowy opis  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4113BCHIPS Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADF4113BCHIPS Datasheet HTML 4Page - Analog Devices ADF4113BCHIPS Datasheet HTML 5Page - Analog Devices ADF4113BCHIPS Datasheet HTML 6Page - Analog Devices ADF4113BCHIPS Datasheet HTML 7Page - Analog Devices ADF4113BCHIPS Datasheet HTML 8Page - Analog Devices ADF4113BCHIPS Datasheet HTML 9Page - Analog Devices ADF4113BCHIPS Datasheet HTML 10Page - Analog Devices ADF4113BCHIPS Datasheet HTML 11Page - Analog Devices ADF4113BCHIPS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADF4110/ADF4111/ADF4112/ADF4113
Data Sheet
Rev. F | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
FREQ
PARAM
DATA
KEYWORD
IMPEDANCE
–UNIT
–TYPE
–FORMAT
–OHMS
GHz
S
MA
R
50
FREQ
MAGS11
ANGS11
1.05
0.9512
–40.134
1.10
0.93458
–43.747
1.15
0.94782
–44.393
1.20
0.96875
–46.937
1.25
0.92216
–49.6
1.30
0.93755
–51.884
1.35
0.96178
–51.21
1.40
0.94354
–53.55
1.45
0.95189
–56.786
1.50
0.97647
–58.781
1.55
0.98619
–60.545
1.60
0.95459
–61.43
1.65
0.97945
–61.241
1.70
0.98864
–64.051
1.75
0.97399
–66.19
1.80
0.97216
–63.775
FREQ
MAGS11
ANGS11
0.05
0.89207
–2.0571
0.10
0.8886
–4.4427
0.15
0.89022
–6.3212
0.20
0.96323
–2.1393
0.25
0.90566
–12.13
0.30
0.90307
–13.52
0.35
0.89318
–15.746
0.40
0.89806
–18.056
0.45
0.89565
–19.693
0.50
0.88538
–22.246
0.55
0.89699
–24.336
0.60
0.89927
–25.948
0.65
0.87797
–28.457
0.70
0.90765
–29.735
0.75
0.88526
–31.879
0.80
0.81267
–32.681
0.85
0.90357
–31.522
0.90
0.92954
–34.222
0.95
0.92087
–36.961
1.00
0.93788
–39.343
Figure 5. S-Parameter Data for the ADF4113 RF Input (up to 1.8 GHz)
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
RF INPUT FREQUENCY (GHz)
VDD = 3V
VP = 3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. Input Sensitivity (ADF4113)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2.0kHz
–1.0kHz
900MHz
1.0kHz
2.0kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 s
AVERAGES = 19
REFERENCE
LEVEL = –4.2dBm
–91.0dBc/Hz
Figure 7. ADF4113 Phase Noise (900 MHz, 200 kHz, 20 kHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2.0kHz
–1.0kHz
900MHz
1.0kHz
2.0kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 s
AVERAGES = 19
REFERENCE
LEVEL = –4.2dBm
–92.5dBc/Hz
Figure 8. ADF4113 Phase Noise
(900 MHz, 200kHz, 20 kHz) with DLY and SYNC Enabled
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY OFFSET FROM 900MHz CARRIER (Hz)
1k
100
10k
100k
1M
RMS NOISE = 0.52°
RL = –40dBc/Hz
Figure 9. ADF4113 Integrated Phase Noise
(900 MHz, 200 kHz, 20 kHz, Typical Lock Time: 400 µs)
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY OFFSET FROM 900MHz CARRIER (Hz)
1k
100
10k
100k
1M
RMS NOISE = 0.62°
RL = –40dBc/Hz
Figure 10. ADF4113 Integrated Phase Noise
(900 MHz, 200 kHz, 35 kHz, Typical Lock Time: 200 µs)


Podobny numer części - ADF4113BCHIPS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4113BCHIPS AD-ADF4113BCHIPS Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4113BCHIPS AD-ADF4113BCHIPS Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results

Podobny opis - ADF4113BCHIPS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com