Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4153 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADF4153
Szczegółowy opis  Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4153 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADF4153_15 Datasheet HTML 3Page - Analog Devices ADF4153_15 Datasheet HTML 4Page - Analog Devices ADF4153_15 Datasheet HTML 5Page - Analog Devices ADF4153_15 Datasheet HTML 6Page - Analog Devices ADF4153_15 Datasheet HTML 7Page - Analog Devices ADF4153_15 Datasheet HTML 8Page - Analog Devices ADF4153_15 Datasheet HTML 9Page - Analog Devices ADF4153_15 Datasheet HTML 10Page - Analog Devices ADF4153_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADF4153
Rev. F | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CP
CPGND
AGND
AVDD
RFINA
RFINB
RSET
DVDD
MUXOUT
LE
SDVDD
REFIN
DGND
CLK
DATA
VP
ADF4153
TOP VIEW
(Not to Scale)
Figure 3. TSSOP Pin Configuration
PIN 1
INDICATOR
1
CPGND
2
AGND
3
AGND
4
RFINB
5
RFINA
13 DATA
14 LE
15 MUXOUT
NOTES
1. THE LFCSP HAS AN EXPOSED PADDLE
THAT MUST BE CONNECTED TO GND.
12 CLK
11 SDVDD
TOP VIEW
(Not to Scale)
ADF4153
Figure 4. LFCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
TSSOP
Pin No.
LFCSP
Mnemonic
Description
1
19
RSET
Connecting a resistor between RSET and ground sets the maximum charge pump output current.
The relationship between ICP and RSET is
SET
CPMAX
R
I
5
.
25
=
where RSET = 5.1 kΩ and ICPMAX = 5 mA.
2
20
CP
Charge Pump Output. When enabled, CP provides ±ICP to the external loop filter, which in turn
drives the external VCO.
3
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
4
2, 3
AGND
Analog Ground. This is the ground return path of the prescaler.
5
4
RFINB
Complementary Input to the RF Prescaler. This pin should be decoupled to the ground plane
with a small bypass capacitor, typically 100 pF (see Figure 12).
6
5
RFINA
Input to the RF Prescaler. This small signal input is normally ac-coupled from the VCO.
7
6, 7
AVDD
Positive Power Supply for the RF Section. Decoupling capacitors to the digital ground plane should
be placed as close as possible to this pin. AVDD has a value of 3 V ± 10%. AVDD must have the same
voltage as DVDD.
8
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input
resistance of 100 kΩ (see Figure 11). This input can be driven from a TTL or CMOS crystal oscillator,
or it can be ac-coupled.
9
9, 10
DGND
Digital Ground.
10
11
SDVDD
Σ-Δ Power. Decoupling capacitors to the digital ground plane should be placed as close as possible
to this pin. SDVDD has a value of 3 V ± 10%. SDVDD must have the same voltage as DVDD.
11
12
CLK
Serial Clock Input. The serial clock is used to clock in the serial data to the registers. The data is
latched into the shift register on the CLK rising edge. This input is a high impedance CMOS input.
12
13
DATA
Serial Data Input. The serial data is loaded MSB first; the two LSBs are the control bits. This input is
a high impedance CMOS input.
13
14
LE
Load Enable, CMOS Input. When LE is high, the data stored in the shift registers is loaded into one
of four latches; the latch is selected using the control bits.
14
15
MUXOUT
This multiplexer output allows either the RF lock detect, the scaled RF, or the scaled reference
frequency to be externally accessed.
15
16, 17
DVDD
Positive Power Supply for the Digital Section. Decoupling capacitors to the digital ground plane
should be placed as close as possible to this pin. DVDD has a value of 3 V ± 10%. DVDD must have
the same voltage as AVDD.
16
18
VP
Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V,
it can be set to 5.5 V and used to drive a VCO with a tuning range of up to 5.5 V.
21
EP
Exposed Pad. The exposed paddle must be connected to GND.


Podobny numer części - ADF4153_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
More results

Podobny opis - ADF4153_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com