Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4153 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADF4153
Szczegółowy opis  Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4153 Arkusz danych(HTML) 1 Page - Analog Devices

  ADF4153_15 Datasheet HTML 1Page - Analog Devices ADF4153_15 Datasheet HTML 2Page - Analog Devices ADF4153_15 Datasheet HTML 3Page - Analog Devices ADF4153_15 Datasheet HTML 4Page - Analog Devices ADF4153_15 Datasheet HTML 5Page - Analog Devices ADF4153_15 Datasheet HTML 6Page - Analog Devices ADF4153_15 Datasheet HTML 7Page - Analog Devices ADF4153_15 Datasheet HTML 8Page - Analog Devices ADF4153_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Fractional-N Frequency Synthesizer
Data Sheet
ADF4153
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF bandwidth to 4 GHz
2.7 V to 3.3 V power supply
Separate VP allows extended tuning voltage
Y version available: −40°C to +125°C
Programmable fractional modulus
Programmable charge pump currents
3-wire serial interface
Analog and digital lock detect
Power-down mode
Pin-compatible with ADF4110/ADF4111/ADF4112/ADF4113
and ADF4106
Consistent RF output phase
Loop filter design possible with ADIsimPLL
Qualified for automotive applications
APPLICATIONS
CATV equipment
Base stations for mobile radio (GSM, PCS, DCS, WiMAX,
SuperCell 3G, CDMA, W-CDMA)
Wireless handsets (GSM, PCS, DCS, CDMA, W-CDMA)
Wireless LANs, PMR
Communications test equipment
GENERAL DESCRIPTION
The ADF4153 is a fractional-N frequency synthesizer
that implements local oscillators in the upconversion
and downconversion sections of wireless receivers and
transmitters. It consists of a low noise digital phase
frequency detector (PFD), a precision charge pump, and
a programmable reference divider. There is a Σ-Δ based
fractional interpolator to allow programmable fractional-N
division. The INT, FRAC, and MOD registers define an
overall N divider (N = (INT + (FRAC/MOD))). In addition,
the 4-bit reference counter (R counter) allows selectable
REFIN frequencies at the PFD input. A complete phase-
locked loop (PLL) can be implemented if the synthesizer is
used with an external loop filter and a voltage controlled
oscillator (VCO).
A simple 3-wire interface controls all on-chip registers.
The device operates with a power supply ranging from
2.7 V to 3.3 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
LOCK
DETECT
N-COUNTER
CP
RFCP3 RFCP2 RFCP1
REFERENCE
DATA
LE
24-BIT
DATA
REGISTER
CLK
REFIN
AVDD
AGND
VDD
VDD
DGND
RDIV
NDIV
DGND
CPGND
DVDD VP SDVDD
RSET
RFINA
RFINB
OUTPUT
MUX
+
HIGH-Z
PHASE
FREQUENCY
DETECTOR
ADF4153
THIRD ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
REG
FRACTION
REG
INTEGER
REG
CURRENT
SETTING
×2
DOUBLER
4-BIT
R COUNTER
CHARGE
PUMP
MUXOUT
Figure 1.


Podobny numer części - ADF4153_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
More results

Podobny opis - ADF4153_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com