Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4157 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADF4157
Szczegółowy opis  High Resolution 6 GHz Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4157 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADF4157_15 Datasheet HTML 4Page - Analog Devices ADF4157_15 Datasheet HTML 5Page - Analog Devices ADF4157_15 Datasheet HTML 6Page - Analog Devices ADF4157_15 Datasheet HTML 7Page - Analog Devices ADF4157_15 Datasheet HTML 8Page - Analog Devices ADF4157_15 Datasheet HTML 9Page - Analog Devices ADF4157_15 Datasheet HTML 10Page - Analog Devices ADF4157_15 Datasheet HTML 11Page - Analog Devices ADF4157_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4157
Data Sheet
Rev. D | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
PFD = 25 MHz, loop bandwidth = 20 kHz, reference = 100 MHz, ICP = 313 μA, phase noise measurements taken on the Agilent E5052A
phase noise system.
10
–40
0
9
FREQUENCY (GHz)
5
0
–5
–10
–15
–20
–25
–30
–35
1
2
3
4
5
6
7
8
P = 4/5
P = 8/9
Figure 5. RF Input Sensitivity
0
–40
0
500
FREQUENCY (MHz)
–5
–10
–15
–20
–25
–30
–35
100
200
300
400
VDD = 3V
Figure 6. Reference Input Sensitivity
0
–160
1k
10M
FREQUENCY (Hz)
–20
–40
–60
–80
–100
–120
–140
10k
100k
1M
RF = 5800.25MHz, PFD = 25MHz, N = 232,
FRAC = 335544, FREQUENCY RESOLUTION = 0.74Hz,
20kHz LOOP BW, ICP = 313µA, DSB INTEGRATED PHASE
ERROR = 0.97° RMS, PHASE NOISE @ 2kHz = –87dBc/Hz.
Figure 7. Phase Noise and Spurs
(Note that the 250 kHz spur is an integer boundary spur; see the Spur
Mechanisms section for more information.)
6.00
5.65
–100
900
TIME (µs)
5.95
5.90
5.85
5.80
5.75
5.70
0
100
200
300
400
500
600
700
800
CSR OFF
CSR ON
Figure 8. Lock Time for 200 MHz Jump from 5705 MHz to 5905 MHz
with CSR On and Off
5.65
5.60
5.95
5.90
5.85
5.80
5.75
5.70
–100
900
TIME (µs)
0
100
200
300
400
500
600
700
800
CSR ON
CSR OFF
Figure 9. Lock Time for 200 MHz Jump from 5905 MHz to 5705 MHz
with CSR On and Off
6
–6
0
5.0
VCP (V)
4
2
0
–2
–4
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Figure 10. Charge Pump Output Characteristics, Pump Up and Pump Down


Podobny numer części - ADF4157_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4157BCPZ-RL1 AD-ADF4157BCPZ-RL1 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BCPZ-RL71 AD-ADF4157BCPZ-RL71 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BCPZ1 AD-ADF4157BCPZ1 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BRUZ-RL1 AD-ADF4157BRUZ-RL1 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BRUZ-RL71 AD-ADF4157BRUZ-RL71 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
More results

Podobny opis - ADF4157_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com