Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4360-3 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADF4360-3
Szczegółowy opis  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4360-3 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADF4360-3_15 Datasheet HTML 3Page - Analog Devices ADF4360-3_15 Datasheet HTML 4Page - Analog Devices ADF4360-3_15 Datasheet HTML 5Page - Analog Devices ADF4360-3_15 Datasheet HTML 6Page - Analog Devices ADF4360-3_15 Datasheet HTML 7Page - Analog Devices ADF4360-3_15 Datasheet HTML 8Page - Analog Devices ADF4360-3_15 Datasheet HTML 9Page - Analog Devices ADF4360-3_15 Datasheet HTML 10Page - Analog Devices ADF4360-3_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADF4360-3
Rev. D | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO AGND.
ADF4360-3
TOP VIEW
(Not to Scale)
CPGND
1
AVDD 2
AGND
3
RFOUTA 4
RFOUTB 5
VVCO 6
DATA
18
CLK
17
REFIN
16
DGND
15
CN
14
RSET
13
PIN 1
IDENTIFIER
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
2
AVDD
Analog Power Supply. This ranges from 3.0 V to 3.6 V. Decoupling capacitors to the analog ground plane
should be placed as close as possible to this pin. AVDD must have the same value as DVDD.
3, 8 to 11, 22
AGND
Analog Ground. This is the ground return path of the prescaler and VCO.
4
RFOUTA
VCO Output. The output level is programmable from –3 dBm to −12 dBm. See the Output Matching section
for a description of the various output stages.
5
RFOUTB
VCO Complementary Output. The output level is programmable from −3 dBm to −12 dBm. See Output
Matching section for a description of the various output stages.
6
VVCO
Power Supply for the VCO. This ranges from 3.0 V to 3.6 V. Decoupling capacitors to the analog ground plane
should be placed as close as possible to this pin. VVCO must have the same value as AVDD.
7
VTUNE
Control Input to the VCO. This voltage determines the output frequency and is derived from filtering the CP
output voltage.
12
CC
Internal Compensation Node. This pin must be decoupled to ground with a 10 nF capacitor.
13
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current for the
synthesizer. The nominal voltage potential at the RSET pin is 0.6 V. The relationship between ICP and RSET is
SET
CPmax
R
I
75
.
11
=
with RSET = 4.7 kΩ, ICPmax = 2.5 mA.
14
CN
Internal Compensation Node. This pin must be decoupled to VVCO with a 10 µF capacitor.
15
DGND
Digital Ground.
16
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent input resistance of
100 kΩ. See Figure 10. This input can be driven from a TTL or CMOS crystal oscillator or it can be ac-coupled.
17
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into
the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
18
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This input is a
high impedance CMOS input.
19
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the
four latches, and the relevant latch is selected using the control bits.
20
MUXOUT
This multiplexer output allows either the lock detect, the scaled RF, or the scaled reference frequency to be
accessed externally.
21
DVDD
Digital Power Supply. This ranges from 3.0 V to 3.6 V. Decoupling capacitors to the digital ground plane
should be placed as close as possible to this pin. DVDD must have the same value as AVDD.
23
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump into three-state
mode. Taking the pin high powers up the device depending on the status of the power-down bits.
24
CP
Charge Pump Output. When enabled, this provides ± ICP to the external loop filter, which in turn drives the
internal VCO.
EP
Exposed Pad. The exposed pad must be connected to AGND.


Podobny numer części - ADF4360-3_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-3 AD-ADF4360-3_16 Datasheet
382Kb / 24P
   Integrated Synthesizer and VCO
More results

Podobny opis - ADF4360-3_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com