Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF7901 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADF7901
Szczegółowy opis  High Performance ISM Band OOK/FSK Transmitter IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF7901 Arkusz danych(HTML) 1 Page - Analog Devices

  ADF7901_15 Datasheet HTML 1Page - Analog Devices ADF7901_15 Datasheet HTML 2Page - Analog Devices ADF7901_15 Datasheet HTML 3Page - Analog Devices ADF7901_15 Datasheet HTML 4Page - Analog Devices ADF7901_15 Datasheet HTML 5Page - Analog Devices ADF7901_15 Datasheet HTML 6Page - Analog Devices ADF7901_15 Datasheet HTML 7Page - Analog Devices ADF7901_15 Datasheet HTML 8Page - Analog Devices ADF7901_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Performance ISM Band
OOK/FSK Transmitter IC
ADF7901
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Single-chip, low power UHF transmitter
369.5 MHz to 395.9 MHz frequency operation using
fractional-N PLL and fully integrated VCO
3.0 V supply voltage
Data rates up to 50 kbps supported
Low current consumption
26 mA at 12 dBm output at 384 MHz
Power-down mode (<1 μA)
24-lead TSSOP
GENERAL DESCRIPTION
The ADF7901 is a low power OOK/FSK UHF transmitter
designed for use in RF remote control devices. It is capable of
frequency shift keying (FSK) modulation on eight different
channels, selectable by three external control lines. OOK
modulation is performed by modulating the PA control line.
The on-chip VCO operates at 2× the output frequency. The
division by 2 at the output of the VCO reduces the amount of
PA feedthrough. As a result, OOK modulation depths of greater
than 50 dB are easily achievable.
The FSK_ADJ and ASK_ADJ resistors can be adjusted in the
system to optimize output power for each modulation scheme.
An additional 1.5 dB of output power is provided for the lower
bank of channels to adjust for antenna performance. The CE
line allows the transmitter to be powered down completely.
In this mode, the leakage current is typically 0.1 μA.
FUNCTIONAL BLOCK DIAGRAM
R = 1
FSK
DVDD
TXDATA
CE
DGND
FSK1
OOK_SEL
RFOUT
RFGND
VDD
RSET
OSC2
CVCO
CREG2
PA_EN
RSET_FSK
RSET_OOK
OSC1
PA
CREG2
CREG1
LDO
REGULATOR
1
LDO
REGULATOR
2
PDF
CHARGE
PUMP
⎟ FRACTIONAL N
Σ-Δ
FSK2 FSK3
CHANNEL SELECT
VCO
Figure 1.


Podobny numer części - ADF7901_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRUZ-RL1 AD-ADF7901BRUZ-RL1 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Podobny opis - ADF7901_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com