Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG407 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADG407
Szczegółowy opis  LC MOS 8-/16-Channel High Performance Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG407 Arkusz danych(HTML) 1 Page - Analog Devices

  ADG407_15 Datasheet HTML 1Page - Analog Devices ADG407_15 Datasheet HTML 2Page - Analog Devices ADG407_15 Datasheet HTML 3Page - Analog Devices ADG407_15 Datasheet HTML 4Page - Analog Devices ADG407_15 Datasheet HTML 5Page - Analog Devices ADG407_15 Datasheet HTML 6Page - Analog Devices ADG407_15 Datasheet HTML 7Page - Analog Devices ADG407_15 Datasheet HTML 8Page - Analog Devices ADG407_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LC2MOS 8-/16-Channel
High Performance Analog Multiplexers
ADG406/ADG407/ADG426
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1994–2010 Analog Devices, Inc. All rights reserved.
FEATURES
44 V supply maximum ratings
VSS to VDD analog signal range
Low on resistance (80 Ω maximum)
Low power
Fast switching
tON < 160 ns
tOFF < 150 ns
Break-before-make switching action
APPLICATIONS
Audio and video routing
Automatic test equipment
Data acquisition systems
Battery powered systems
Sample hold systems
Communication systems
Avionics
PRODUCT HIGHLIGHTS
1.
Extended Signal Range.
2.
The ADG406/ADG407/ADG426 are fabricated on an
enhanced LC2MOS process giving an increased signal
range which extends to the supply rails.
3.
Low Power Dissipation.
4.
Low RON.
5.
Single/Dual Supply Operation.
6.
Single Supply Operation.
7.
For applications where the analog signal is unipolar, the
ADG406/ADG407/ADG426 can be operated from a single
rail power supply. The parts are fully specified with a single
+12 V power supply and remain functional with single
supplies as low as +5 V.
FUNCTIONAL BLOCK DIAGRAMS
S1
S16
A0
D
A3
ADG406
A1 A2
EN
1 OF 16
DECODER
Figure 1.
S1A
S8B
DA
ADG407
S8A
S1B
DB
EN
A0
A1
A2
1 OF 8
DECODER
Figure 2.
S1
S16
A0
D
A3
ADG426
A1 A2
EN
DECODER/
LATCHES
WR
RS
Figure 3.


Podobny numer części - ADG407_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG407BCHIPS AD-ADG407BCHIPS Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407BN AD-ADG407BN Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG407BN AD-ADG407BN Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407BNZ AD-ADG407BNZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407BP AD-ADG407BP Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
More results

Podobny opis - ADG407_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG426 AD-ADG426_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
logo
Maxim Integrated Produc...
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com