Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB050N15J3-0-T3-G Arkusz danych(PDF) 4 Page - Cystech Electonics Corp.

Numer części MTB050N15J3-0-T3-G
Szczegółowy opis  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050N15J3-0-T3-G Arkusz danych(HTML) 4 Page - Cystech Electonics Corp.

  MTB050N15J3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C979J3
Issued Date : 2014.08.14
Revised Date : 2015.03.02
Page No. : 4/9
MTB050N15J3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
10
20
30
40
50
02468
10
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
VDS, Drain-Source Voltage(V)
10V,9V,8V,7V,6V,5V,4V,3V
2.5V
VGS=2V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
10000
0.01
0.1
1
10
ID, Drain Current(A)
VGS=2V
VGS=2.5V
VGS=3V
VGS=4.5V
VGS=10V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02
46
8
1
IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
200
400
600
800
1000
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0
0.5
1
1.5
2
2.5
3
-65
-35
-5
25
55
85
115
145
175
Tj, Junction Temperature(°C)
VGS=10V, ID=15A
RDS(ON)@Tj=25°C : 47.5mΩ
VGS, Gate-Source Voltage(V)
ID=15A


Podobny numer części - MTB050N15J3-0-T3-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB050N15BRH8 CYSTEKEC-MTB050N15BRH8 Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRH8-0-T6-G CYSTEKEC-MTB050N15BRH8-0-T6-G Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRQ8 CYSTEKEC-MTB050N15BRQ8 Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRQ8-0-T3-G CYSTEKEC-MTB050N15BRQ8-0-T3-G Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRV8 CYSTEKEC-MTB050N15BRV8 Datasheet
475Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB050N15J3-0-T3-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com