Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2159-HF Arkusz danych(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 2SK2159-HF
Szczegółowy opis  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2159-HF Arkusz danych(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2159-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK2159-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK2159-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Typical Characterisitics
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
0.1
1
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
0.001
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
ID - Drain Current - A
0
0.001
20
40
60
80
100
0
0
1
0
5
0
2
0
1
5
2
0
5
1
0
2
1
0
9
0
6
0
3
0.2
0.5
10
5
1
2
1 ms
10
ms
PW
= 100
ms
DC
1
2
3
4
5
0.4
0.8
1.2
1.6
2.0
7 V
3.5
V
3.0
V
2.5
V
2.0
V
1.5 V
VGS = 1.0 V
0.001
0.01
0.1
1
10
1
2
3
0.01
0.1
1
10
0.01
0.1
1
TA = –25 °C
25 °C
75 °C
0.2
0.4
0.6
0.8
1
1.2
1.4
0.1
1
10
TA = 75 °C
25 °C
–25 °C
VDS = 10 V
VDS = 10 V
VGS = 1.5 V
TA = 75 °C
25 ° C
–25 °C
0.01
Single pulse
0
N-Channel MOSFET
2SK2159-HF


Podobny numer części - 2SK2159-HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SK2159 KEXIN-2SK2159 Datasheet
47Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK2159 VBSEMI-2SK2159 Datasheet
1,020Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK2159 RENESAS-2SK2159 Datasheet
264Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
logo
Guangdong Kexin Industr...
2SK2159 KEXIN-2SK2159_15 Datasheet
1Mb / 3P
   N-Channel MOSFET
More results

Podobny opis - 2SK2159-HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com