Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG512 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADG512
Szczegółowy opis  Precision 5 V/3 V Quad SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG512 Arkusz danych(HTML) 1 Page - Analog Devices

  ADG512_15 Datasheet HTML 1Page - Analog Devices ADG512_15 Datasheet HTML 2Page - Analog Devices ADG512_15 Datasheet HTML 3Page - Analog Devices ADG512_15 Datasheet HTML 4Page - Analog Devices ADG512_15 Datasheet HTML 5Page - Analog Devices ADG512_15 Datasheet HTML 6Page - Analog Devices ADG512_15 Datasheet HTML 7Page - Analog Devices ADG512_15 Datasheet HTML 8Page - Analog Devices ADG512_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAMS
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG511
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG512
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG513
SWITCHES SHOWN FOR A LOGIC "1" INPUT
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
LC2MOS
Precision 5 V/3 V Quad SPST Switches
ADG511/ADG512/ADG513
FEATURES
+3 V, +5 V or
5 V Power Supplies
Ultralow Power Dissipation (<0.5
W)
Low Leakage (<100 pA)
Low On Resistance (<50
)
Fast Switching Times
Low Charge Injection
TTL/CMOS Compatible
16-Lead DIP or SOIC Package
APPLICATIONS
Battery-Powered Instruments
Single Supply Systems
Remote Powered Equipment
5 V Supply Systems
Computer Peripherals such as Disk Drives
Precision Instrumentation
Audio and Video Switching
Automatic Test Equipment
Precision Data Acquisition
Sample Hold Systems
Communication Systems
Compatible with
5 V Supply DACs and ADCs such as
AD7840/AD7848, AD7870/AD7871/AD7872/AD7874/
AD7875/AD7876/AD7878
GENERAL DESCRIPTION
The ADG511, ADG512 and ADG513 are monolithic CMOS
ICs containing four independently selectable analog switches.
These switches feature low, well-controlled on resistance and
wide analog signal range, making them ideal for precision
analog signal switching.
These switch arrays are fabricated using Analog Devices’
advanced linear compatible CMOS (LC
2MOS) process which
offers the additional benefits of low leakage currents, ultralow
power dissipation and low capacitance for fast switching speeds
with minimum charge injection. These features make the
ADG511, ADG512 and ADG513 the optimum choice for a
wide variety of signal switching tasks in precision analog signal
processing and data acquisition systems.
The ability to operate from single +3 V, +5 V or
±5 V bipolar
supplies make the ADG511, ADG512 and ADG513 perfect for
use in battery-operated instruments, 4–20 mA loop systems and
with the new generation of DACs and ADCs from Analog
Devices. The use of 5 V supplies and reduced operating currents
give much lower power dissipation than devices operating from
±15 V supplies.
The ADG511, ADG512 and ADG513 contain four indepen-
dent SPST switches. The ADG511 and ADG512 differ only in
that the digital control logic is inverted. The ADG511 switch is
turned on with a logic low on the appropriate control input,
while a logic high is required for the ADG512. The ADG513
contains two switches whose digital control logic is similar to
that of the ADG511 while the logic is inverted in the remaining
two switches.
PRODUCT HIGHLIGHTS
1. 5 Volt Single Supply Operation
The ADG511/ADG512/ADG513 offers high performance,
including low on resistance and wide signal range, fully
specified and guaranteed with +3 V,
±5 V as well as +5 V
supply rails.
2. Ultralow Power Dissipation
CMOS construction ensures ultralow power dissipation.
3. Low RON
4. Break-Before-Make Switching
Switches are guaranteed to have break-before-make opera-
tion. This allows multiple outputs to be tied together for
multiplexer applications without the possibility of momentary
shorting between channels.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001


Podobny numer części - ADG512_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG512ABR AD-ADG512ABR Datasheet
124Kb / 11P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. B
ADG512ABR AD-ADG512ABR Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512ABR4 AD-ADG512ABR4 Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512ABR4 AD-ADG512ABR4 Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BN AD-ADG512BN Datasheet
124Kb / 11P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. B
More results

Podobny opis - ADG512_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ AD-ADG512BRZ Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513BRZ-REEL7 AD-ADG513BRZ-REEL7 Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511BRZ AD-ADG511BRZ Datasheet
144Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511 Datasheet
124Kb / 11P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. B
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG662 AD-ADG662_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG512BRZ-REEL AD-ADG512BRZ-REEL Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com