Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG527A Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG527A
Szczegółowy opis  CMOS Latched 8-/16-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG527A Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG527A_15 Datasheet HTML 4Page - Analog Devices ADG527A_15 Datasheet HTML 5Page - Analog Devices ADG527A_15 Datasheet HTML 6Page - Analog Devices ADG527A_15 Datasheet HTML 7Page - Analog Devices ADG527A_15 Datasheet HTML 8Page - Analog Devices ADG527A_15 Datasheet HTML 9Page - Analog Devices ADG527A_15 Datasheet HTML 10Page - Analog Devices ADG527A_15 Datasheet HTML 11Page - Analog Devices ADG527A_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
NC
2
RS
3
S16
4
D
28
VSS
27
S8
26
S7
25
S15
5
S6
24
S14
6
S5
23
S13
7
S4
22
S12
8
S3
21
S11
9
S2
20
S10 10
S1
19
S9 11
EN
18
GND 12
A0
17
WR 13
A1
16
A3 14
A2
15
NC = NO CONNECT
ADG526A
TOP VIEW
(Not to Scale)
Figure 3. ADG526A PDIP, SOIC, and CERDIP Pin Configuration
128
27
26
2
3
4
5
6
7
8
9
10
11
25
24
23
22
21
20
19
NC = NO CONNECT
S15
S14
S13
S12
S11
S10
S09
S7
S6
S5
S4
S3
S2
S1
PIN 1
IDENTFIER
12
13
14
15
16
17
18
ADG526A
TOP VIEW
(Not to Scale)
Figure 4. ADG526A PLCC Pin Configuration
Table 4. ADG526A Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Most Positive Power Supply Potential.
2
NC
No Connect.
3
RS
Reset. The RS signal clears both the address and enable data in the latches resulting in no output (all switches off ).
4
S16
Source Terminal. This pin can be an input or output.
5
S15
Source Terminal. This pin can be an input or output.
6
S14
Source Terminal. This pin can be an input or output.
7
S13
Source Terminal. This pin can be an input or output.
8
S12
Source Terminal. This pin can be an input or output.
9
S11
Source Terminal. This pin can be an input or output.
10
S10
Source Terminal. This pin can be an input or output.
11
S9
Source Terminal. This pin can be an input or output.
12
GND
Ground (0 V) Reference.
13
WR
Write. The WR signal latches the state of the address control lines and the enable line.
14
A3
Logic Control Inputs. Selects which source terminal is connected to the drain (D).
15
A2
Logic Control Inputs. Selects which source terminal is connected to the drain (D).
16
A1
Logic Control Inputs. Selects which source terminal is connected to the drain (D).
17
A0
Logic control inputs. Selects which source terminal is connected to the drain (D).
18
EN
Enable. Active high logic control input.
19
S1
Source Terminal. This pin can be an input or output.
20
S2
Source Terminal. This pin can be an input or output.
21
S3
Source Terminal. This pin can be an input or output.
22
S4
Source Terminal. This pin can be an input or output.
23
S5
Source Terminal. This pin can be an input or output.
24
S6
Source Terminal. This pin can be an input or output.
25
S7
Source Terminal. This pin can be an input or output.
26
S8
Source Terminal. This pin can be an input or output.
27
VSS
Most Negative Power Supply Potential.
28
D
Drain Terminal. This pin can be an input or output.


Podobny numer części - ADG527A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG527ABQ AD-ADG527ABQ Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
ADG527AKN AD-ADG527AKN Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
ADG527AKN AD-ADG527AKN Datasheet
422Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG527AKNZ AD-ADG527AKNZ Datasheet
422Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG527AKP AD-ADG527AKP Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
More results

Podobny opis - ADG527A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
5962-8971001XA AD-5962-8971001XA Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A_08 Datasheet
422Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG528A AD-ADG528A_04 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKPZ AD-ADG528AKPZ Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKNZ AD-ADG528AKNZ Datasheet
146Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A Datasheet
673Kb / 8P
   CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com