Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31CJ3 Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części TIP31CJ3
Szczegółowy opis  3A NPN Epitaxial Planar Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP31CJ3 Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  TIP31CJ3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 4Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 5Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C609J3
Issued Date : 2014.06.06
Revised Date :
Page No. : 3/6
TIP31CJ3
CYStek Product Specification
Typical Characteristics
Current Gain vs Collector Current
10
100
1
10
100
1000
10000
Collector Current---IC(mA)
VCE=2V
VCE=4V
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
IC=10IB
IC=8IB
VCE(SAT)
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBE(SAT)@IC=10IB
On Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBE(on)@VCE=4V
VBE(on)@VCE=2V
Power Derating Curve
0
2
4
6
8
10
12
14
16
0
50
100
150
200
Case Temperature---Tc(℃)
Power Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
50
100
150
200
Ambient Temperature---TA(℃)


Podobny numer części - TIP31CJ3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Jiangsu Changjiang Elec...
TIP31C JIANGSU-TIP31C Datasheet
2Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
136Kb / 10P
   Power transistors
logo
SeCoS Halbleitertechnol...
TIP31C SECOS-TIP31C Datasheet
94Kb / 2P
   NPN Plastic-Encapsulate Transistor
logo
Motorola, Inc
TIP31C MOTOROLA-TIP31C Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Podobny opis - TIP31CJ3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
TIP31CE3 CYSTEKEC-TIP31CE3 Datasheet
155Kb / 4P
   3A NPN Epitaxial Planar Power Transistor
TIP32CE3 CYSTEKEC-TIP32CE3 Datasheet
150Kb / 4P
   3A PNP Epitaxial Planar Power Transistor
logo
Seme LAB
SMX35 SEME-LAB-SMX35 Datasheet
22Kb / 2P
   SILICON NPN EPITAXIAL PLANAR POWER TRANSISTOR
logo
Cystech Electonics Corp...
TIP41CE3 CYSTEKEC-TIP41CE3 Datasheet
147Kb / 3P
   6A NPN Epitaxial Planar Power Transistor
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com