Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31CJ3 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części TIP31CJ3
Szczegółowy opis  3A NPN Epitaxial Planar Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP31CJ3 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  TIP31CJ3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 4Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 5Page - Cystech Electonics Corp. TIP31CJ3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C609J3
Issued Date : 2014.06.06
Revised Date :
Page No. : 1/6
TIP31CJ3
CYStek Product Specification
3A NPN Epitaxial Planar Power Transistor
TIP31CJ3
Description
TIP31CJ3 is designed for use in general purpose amplifier and switching applications.
Features
• Low collector-emitter saturation voltage, VCE(sat) = 0.5V(max) @ IC = 3A
• High collector-emitter sustaining voltage, BVCEO(SUS) = 100V(min)
• High current gain-bandwidth product , fT = 3MHz(min) @ IC = 500mA
• Pb-free lead plating and halogen-free package
Symbol
Outline
TO-252(DPAK)
TIP31CJ3
B:Base
C:Collector
E:Emitter
B C E
Ordering Information
Device
Package
Shipping
TO-252
TIP31CJ3-0-T3-G
(Pb-free lead plating and halogen-free package)
2500 pcs / Tape & Reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3:2500 pcs/tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Podobny numer części - TIP31CJ3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
TIP31C JIANGSU-TIP31C Datasheet
2Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
136Kb / 10P
   Power transistors
logo
SeCoS Halbleitertechnol...
TIP31C SECOS-TIP31C Datasheet
94Kb / 2P
   NPN Plastic-Encapsulate Transistor
logo
JILIN SINO-MICROELECTRO...
TIP31C JSMC-TIP31C Datasheet
279Kb / 4P
   NPN Epitaxial Silicon Transistor
More results

Podobny opis - TIP31CJ3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
TIP31CE3 CYSTEKEC-TIP31CE3 Datasheet
155Kb / 4P
   3A NPN Epitaxial Planar Power Transistor
TIP32CE3 CYSTEKEC-TIP32CE3 Datasheet
150Kb / 4P
   3A PNP Epitaxial Planar Power Transistor
logo
Seme LAB
SMX35 SEME-LAB-SMX35 Datasheet
22Kb / 2P
   SILICON NPN EPITAXIAL PLANAR POWER TRANSISTOR
logo
Cystech Electonics Corp...
TIP41CE3 CYSTEKEC-TIP41CE3 Datasheet
147Kb / 3P
   6A NPN Epitaxial Planar Power Transistor
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com