Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31CJ3-0-T3-G Arkusz danych(PDF) 2 Page - Cystech Electonics Corp.

Numer części TIP31CJ3-0-T3-G
Szczegółowy opis  3A NPN Epitaxial Planar Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP31CJ3-0-T3-G Arkusz danych(HTML) 2 Page - Cystech Electonics Corp.

  TIP31CJ3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. TIP31CJ3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. TIP31CJ3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. TIP31CJ3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. TIP31CJ3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. TIP31CJ3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C609J3
Issued Date : 2014.06.06
Revised Date :
Page No. : 2/6
TIP31CJ3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
3
Collector Current (Pulse)
ICP
5 (Note 1)
A
Base Current
IB
1
A
Power Dissipation @ TA=25℃
PD
1.56
Power Dissipation @ TC=25℃
PD
15
W
Thermal Resistance, Junction to Ambient
RθJA
80
°C/W
Thermal Resistance, Junction to Case
RθJC
8.3
°C/W
Operating Junction and Storage Temperature Range
Tj ; Tstg
-65~+150
°C
Note : 1. Single Pulse , Pw≦300μs, Duty≦2%.
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
*BVCEO(SUS)
100
-
-
V
IC=30mA, IB=0
ICBO
-
-
100
nA
VCB=200V, IC=0
ICEO
-
-
1
μA
VCE=100V, IB=0
ICES
-
-
1
μA
VCE=100V, VBE=0
IEBO
-
-
100
nA
VEB=5V, IC=0
*VCE(sat)
-
-
0.5
V
IC=3A, IB=375mA
*VBE(on)
-
-
1.2
V
VCE=4V, IC=3A
*hFE
25
-
-
-
VCE=4V, IC=1A
*hFE
10
-
50
-
VCE=4V, IC=3A
fT
3
-
-
MHz
VCE=10V, IC=500mA, f=1MHz
*Pulse Test : Pulse Width
≤380μs, Duty Cycle≤2%
Recommended soldering footprint


Podobny numer części - TIP31CJ3-0-T3-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
TIP31C JIANGSU-TIP31C Datasheet
2Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
136Kb / 10P
   Power transistors
logo
SeCoS Halbleitertechnol...
TIP31C SECOS-TIP31C Datasheet
94Kb / 2P
   NPN Plastic-Encapsulate Transistor
logo
JILIN SINO-MICROELECTRO...
TIP31C JSMC-TIP31C Datasheet
279Kb / 4P
   NPN Epitaxial Silicon Transistor
More results

Podobny opis - TIP31CJ3-0-T3-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
TIP31CE3 CYSTEKEC-TIP31CE3 Datasheet
155Kb / 4P
   3A NPN Epitaxial Planar Power Transistor
TIP32CE3 CYSTEKEC-TIP32CE3 Datasheet
150Kb / 4P
   3A PNP Epitaxial Planar Power Transistor
logo
Seme LAB
SMX35 SEME-LAB-SMX35 Datasheet
22Kb / 2P
   SILICON NPN EPITAXIAL PLANAR POWER TRANSISTOR
logo
Cystech Electonics Corp...
TIP41CE3 CYSTEKEC-TIP41CE3 Datasheet
147Kb / 3P
   6A NPN Epitaxial Planar Power Transistor
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com