Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG787 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG787
Szczegółowy opis  Dual 2:1 Mux/Demux USB 1.1 Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG787 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG787_15 Datasheet HTML 7Page - Analog Devices ADG787_15 Datasheet HTML 8Page - Analog Devices ADG787_15 Datasheet HTML 9Page - Analog Devices ADG787_15 Datasheet HTML 10Page - Analog Devices ADG787_15 Datasheet HTML 11Page - Analog Devices ADG787_15 Datasheet HTML 12Page - Analog Devices ADG787_15 Datasheet HTML 13Page - Analog Devices ADG787_15 Datasheet HTML 14Page - Analog Devices ADG787_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG787
Rev. A | Page 11 of 16
TEST CIRCUITS
SD
VS
RON = V1/IDS
IDS
V1
Figure 28. On Resistance
SD
VS
VD
IS (OFF)
ID (OFF)
A
A
Figure 29. Off Leakage
SD
VD
ID (ON)
NC
A
Figure 30. On Leakage
D
IN
GND
RL
50
Ω
CL
35pF
VDD
VIN
VOUT
VS
VDD
VOUT
tON
tOFF
50%
50%
90%
90%
0.1
μF
S1B
S1A
Figure 31. Switching Times, tON, tOFF
VOUT
VIN
tBBM
tBBM
50%
50%
80%
0V
D
IN
GND
RL
50
Ω
CL
35pF
VDD
VOUT
VS
VDD
0.1
μF
S1B
S1A
80%
Figure 32. Break-Before-Make Time Delay, tBBM
IN
GND
VDD
VS
VIN
VOUT
1nF
VOUT
NC
SW ON
QINJ = CL ⋅ΔVOUT
SW OFF
ΔV
OUT
S1B
S1A
D
Figure 33. Charge Injection


Podobny numer części - ADG787_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG787BCBZ-500RL7 AD-ADG787BCBZ-500RL7 Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
ADG787BCBZ-REEL AD-ADG787BCBZ-REEL Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
ADG787BCPZ-500RL7 AD-ADG787BCPZ-500RL7 Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
ADG787BCPZ-REEL AD-ADG787BCPZ-REEL Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
ADG787BRMZ AD-ADG787BRMZ Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
More results

Podobny opis - ADG787_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG787 AD-ADG787 Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
   5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
   3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
   CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
REV. 0
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
   USB 3.0, 4:1 Mux/DeMux Switch
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
M/A-COM Technology Solu...
M20001-BRF-001-A MA-COM-M20001-BRF-001-A Datasheet
193Kb / 2P
   High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com