Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG849 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADG849
Szczegółowy opis  SPDT/2:1 Mux in SC70
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG849 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADG849_15 Datasheet HTML 3Page - Analog Devices ADG849_15 Datasheet HTML 4Page - Analog Devices ADG849_15 Datasheet HTML 5Page - Analog Devices ADG849_15 Datasheet HTML 6Page - Analog Devices ADG849_15 Datasheet HTML 7Page - Analog Devices ADG849_15 Datasheet HTML 8Page - Analog Devices ADG849_15 Datasheet HTML 9Page - Analog Devices ADG849_15 Datasheet HTML 10Page - Analog Devices ADG849_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG849
Rev. 0| Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.1
0.3
0.4
0.5
0.6
012
3456
VS/VD (V)
5V
4.5V
TA = 25°C
0.2
5.5V
Figure 3. On-Resistance vs. VD/VS, VDD = 5 V ±10%
0
VS/VD (V)
3.6V
3.3V
3V
2.7V
2.5V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
Figure 4. On-Resistance vs. VD/VS, VDD = 2.5 V to 3.6 V
0
0.1
0.3
0.4
0.5
0.6
5.0
VS/VD (V)
0.2
0.7
0.8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
+125
°C
+85
°C
+25
°C
–40
°C
Figure 5. On-Resistance vs. Temperature, VDD = 5 V
0
0.1
0.3
0.4
0.5
0.6
VS/VD (V)
0.2
0.7
1.0
0
+125
°C
+85
°C
+25
°C
–40
°C
0.5
1.0
1.5
2.0
2.5
3.0
0.9
0.8
Figure 6. On-Resistance vs. Temperature, VDD = 3 V
0
20
40
60
80
100
120
10
40
60
100
120
TEMPERATURE (
°C)
20
80
ID, IS (ON)
IS (OFF)
VDD = 5V
Figure 7. Leakage Currents vs. Temperature, VDD = 5 V
0
20
40
60
80
90
10
40
60
100
120
TEMPERATURE (
°C)
20
80
10
30
50
70
ID, IS (ON)
IS (OFF)
VDD = 3V
Figure 8. Leakage Currents vs. Temperature, VDD = 3 V


Podobny numer części - ADG849_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG849YKSZ-REEL AD-ADG849YKSZ-REEL Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG849YKSZ-REEL7 AD-ADG849YKSZ-REEL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
More results

Podobny opis - ADG849_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG849 AD-ADG849 Datasheet
334Kb / 12P
   3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
REV. 0
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG884 AD-ADG884 Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
logo
Maxim Integrated Produc...
MAX4691 MAXIM-MAX4691 Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com