Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG859 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADG859
Szczegółowy opis  Switch/2:1 MUX in SOT-66 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG859 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADG859_15 Datasheet HTML 3Page - Analog Devices ADG859_15 Datasheet HTML 4Page - Analog Devices ADG859_15 Datasheet HTML 5Page - Analog Devices ADG859_15 Datasheet HTML 6Page - Analog Devices ADG859_15 Datasheet HTML 7Page - Analog Devices ADG859_15 Datasheet HTML 8Page - Analog Devices ADG859_15 Datasheet HTML 9Page - Analog Devices ADG859_15 Datasheet HTML 10Page - Analog Devices ADG859_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG859
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
01
2
3
4
5
VS/VD (V)
VDD =4.5V
VDD =5V
VDD =5.5V
TA = 25°C
IDS = 100mA
Figure 3. On Resistance vs. VS (VD), VDD = 5 V ± 10%
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS/VD (V)
VDD =2.7V
VDD =3V
VDD =3.3V
VDD =3.6V
TA =25°C
IDS = 100mA
Figure 4. On Resistance vs. VS (VD), VDD = 2.7 V to 3.6 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SOURCE VOLTAGE (V)
+125°C
+85°C
+25°C
–40°C
VDD =5V
IDS = 100mA
Figure 5. On Resistance vs. Source Voltage for
Different Temperatures, VDD = 5 V
0
0.5
1.0
1.5
2.0
2.5
3.0
1.0
1.5
0
0.5
2.0
2.5
3.0
SOURCE VOLTAGE (V)
–40°C
+25°C
+85°C
+125°C
VDD =3V
IDS = 100mA
Figure 6. On Resistance vs. Source Voltage for
Different Temperatures, VDD = 3 V
–1
0
1
2
3
4
40
20
–20
0
–40
60
80
100
120
TEMPERATURE (
°C)
5
IS (OFF)
ID, IS (ON)
VDD = 5V
Figure 7. Leakage vs. Temperature, VDD = 5 V
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
40
20
–20
0
–40
60
80
100
120
TEMPERATURE (
°C)
ID, IS (ON)
IS (OFF)
VDD = 3V
Figure 8. Leakage vs. Temperature, VDD = 3 V


Podobny numer części - ADG859_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG859BRYZ-REEL AD-ADG859BRYZ-REEL Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG859BRYZ-REEL7 AD-ADG859BRYZ-REEL7 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG859YRYZ-REEL AD-ADG859YRYZ-REEL Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG859YRYZ-REEL7 AD-ADG859YRYZ-REEL7 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
More results

Podobny opis - ADG859_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
logo
Diodes Incorporated
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
   3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
logo
Analog Devices
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
   3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
logo
Analog Devices
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com