Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG884 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG884
Szczegółowy opis  2:1 MUX/SPDT Audio Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG884 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG884_15 Datasheet HTML 4Page - Analog Devices ADG884_15 Datasheet HTML 5Page - Analog Devices ADG884_15 Datasheet HTML 6Page - Analog Devices ADG884_15 Datasheet HTML 7Page - Analog Devices ADG884_15 Datasheet HTML 8Page - Analog Devices ADG884_15 Datasheet HTML 9Page - Analog Devices ADG884_15 Datasheet HTML 10Page - Analog Devices ADG884_15 Datasheet HTML 11Page - Analog Devices ADG884_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG884
Data Sheet
Rev. D | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
SIGNAL RANGE (V)
0.30
0.25
0.20
0.15
0.10
0.05
0
012
3
45
4.5V
4.2V
5.5V
TA = 25°C
IDS = 100mA
5V
Figure 4. On Resistance vs. VD (VS), VDD = 4.2 V to 5.5 V
SIGNAL RANGE (V)
0.45
0.35
0.40
0.30
0.20
0.25
0.15
0.05
0.10
0
0
0.5
1.0
1.5
2.0
3.0
2.5
2.7V
3.3V
TA = 25°C
IDS = 100mA
3V
Figure 5. On Resistance vs. VD (VS), VDD = 2.7 V to 3.3 V
SIGNAL RANGE (V)
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
01
2
3
4
5
+85
°C
+25
°C
–40
°C
VDD = 5V
IDS = 100mA
Figure 6. On Resistance vs. VD (VS) for Different Temperature, VDD = 5 V
SIGNAL RANGE (V)
0.45
0.40
0.35
0.30
0.25
0.20
0.10
0.05
0.15
0
0
0.5
1.0
1.5
2.0
2.5
3.0
+85
°C
+25
°C
–40
°C
VDD = 3.3V
IDS = 100mA
Figure 7. On Resistance vs. VD (VS) for Different Temperatures, VDD = 3.3 V
TEMPERATURE (°C)
5
4
3
2
0
1
–1
–3
–4
–2
–5
010
20
30
40
50
80
60
70
ID, IS (ON)
IS (OFF)
VDD = 5V
Figure 8. Leakage Current vs. Temperature, VDD = 5 V
TEMPERATURE (°C)
5
3
4
2
1
0
–1
010
60
50
40
30
20
80
70
ID, IS (ON)
IS (OFF)
VDD = 4.2V
Figure 9. Leakage Current vs. Temperature, VDD = 4.2 V


Podobny numer części - ADG884_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG884BCBZ-500RL7 AD-ADG884BCBZ-500RL7 Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
ADG884BCBZ-REEL AD-ADG884BCBZ-REEL Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
ADG884BCBZ-REEL7 AD-ADG884BCBZ-REEL7 Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
ADG884BCPZ-REEL AD-ADG884BCPZ-REEL Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
ADG884BCPZ-REEL7 AD-ADG884BCPZ-REEL7 Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
More results

Podobny opis - ADG884_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG884 AD-ADG884 Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
EVAL-ADG884EBZ AD-EVAL-ADG884EBZ Datasheet
304Kb / 16P
   0.5 廓 CMOS, Dual 2:1 MUX/SPDT Audio Switch
REV. D
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG849 AD-ADG849_15 Datasheet
348Kb / 12P
   SPDT/2:1 Mux in SC70
REV. 0
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
logo
Diodes Incorporated
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
   3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com