Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM-180-AMC-180 Arkusz danych(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Numer części AM-180-AMC-180
Szczegółowy opis  Cascadable Thin Film Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-180-AMC-180 Arkusz danych(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AM-180-AMC-180_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-180-AMC-180_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-180-AMC-180_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Cascadable Thin Film Amplifier,
10 dB Gain, 10 - 2000 MHz
Rev. V4
AM-180 / AMC-180
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves


Podobny numer części - AM-180-AMC-180_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
More results

Podobny opis - AM-180-AMC-180_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
AM-184-AMC-184 MA-COM-AM-184-AMC-184 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
AM-176-AMC-176 MA-COM-AM-176-AMC-176 Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier
AMC-183_V5 MA-COM-AMC-183_V5 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA-6232 TELEDYNE-PSA-6232 Datasheet
168Kb / 4P
   Thin-Film Cascadable Amplifier
logo
M/A-COM Technology Solu...
AM-182-AMC-182 MA-COM-AM-182-AMC-182_15 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
AM-177 MA-COM-AM-177_15 Datasheet
443Kb / 3P
   Cascadable Thin Film Amplifier
AM-182-AMC-182 MA-COM-AM-182-AMC-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA4132 TELEDYNE-PSA4132 Datasheet
98Kb / 4P
   Thin-Film Cascadable Amplifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com