Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1212 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADG1212
Szczegółowy opis  Low Capacitance, Low Charge Injection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1212 Arkusz danych(HTML) 3 Page - Analog Devices

  ADG1212_15 Datasheet HTML 1Page - Analog Devices ADG1212_15 Datasheet HTML 2Page - Analog Devices ADG1212_15 Datasheet HTML 3Page - Analog Devices ADG1212_15 Datasheet HTML 4Page - Analog Devices ADG1212_15 Datasheet HTML 5Page - Analog Devices ADG1212_15 Datasheet HTML 6Page - Analog Devices ADG1212_15 Datasheet HTML 7Page - Analog Devices ADG1212_15 Datasheet HTML 8Page - Analog Devices ADG1212_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADG1211/ADG1212/ADG1213
Rev. B | Page 3 of 16
SPECIFICATIONS
DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Y Version1
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance (RON)
120
Ω typ
VS = ±10 V, IS = −1 mA; see Figure 20
190
230
260
Ω max
VDD = +13.5 V, VSS = −13.5 V
On Resistance Match Between
Channels (∆RON)
2.5
Ω typ
VS = ±10 V, IS = −1 mA
6
10
11
Ω max
On Resistance Flatness (RFLAT(ON))
20
Ω typ
VS = −5 V/0 V/+5 V; IS = −1 mA
57
72
79
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±0.02
nA typ
VS = ±10 V, VD =
10 V; see Figure 21
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (Off)
±0.02
nA typ
VS = ±10 V, VD =
10 V; see Figure 21
±0.1
±0.6
±1
nA max
Channel On Leakage, ID, IS (On)
±0.02
nA typ
VS = VD = ±10 V; see Figure 22
±0.1
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
Digital Input Capacitance, CIN
2.5
pF typ
DYNAMIC CHARACTERISTICS2
tON
110
ns typ
RL = 300 Ω, CL = 35 pF
130
160
195
ns max
VS = 10 V; see Figure 23
tOFF
85
ns typ
RL = 300 Ω, CL = 35 pF
115
130
150
ns max
VS = 10 V; see Figure 23
Break-Before-Make Time Delay, tD
25
ns typ
RL = 300 Ω, CL = 35 pF
(ADG1213 Only)
10
ns min
VS1 = VS2 = 10 V; see Figure 24
Charge Injection
−0.3
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 25
Off Isolation
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 26
Channel-to-Channel Crosstalk
90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 27
Total Harmonic Distortion + Noise
0.15
% typ
RL = 10 kΩ, 5 V rms, f = 20 Hz to 20 kHz
−3 dB Bandwidth
1000
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 28
CS (Off)
0.9
pF typ
VS = 0 V, f = 1 MHz
1.1
pF max
VS = 0 V, f = 1 MHz
CD (Off)
1
pF typ
VS = 0 V, f = 1 MHz
1.2
pF max
VS = 0 V, f = 1 MHz
CD, CS (On)
2.6
pF typ
VS = 0 V, f = 1 MHz
3
pF max
VS = 0 V, f = 1 MHz


Podobny numer części - ADG1212_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212SRU-EP-RL7 AD-ADG1212SRU-EP-RL7 Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212YCP AD-ADG1212YCP Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1212YCPZ-500RL7 AD-ADG1212YCPZ-500RL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1212YCPZ-REEL7 AD-ADG1212YCPZ-REEL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results

Podobny opis - ADG1212_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E Datasheet
399Kb / 20P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Rev. A, 11-Apr-16
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com