Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG2108 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG2108
Szczegółowy opis  Switch Array with Dual/Single Supplies
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG2108 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG2108_15 Datasheet HTML 7Page - Analog Devices ADG2108_15 Datasheet HTML 8Page - Analog Devices ADG2108_15 Datasheet HTML 9Page - Analog Devices ADG2108_15 Datasheet HTML 10Page - Analog Devices ADG2108_15 Datasheet HTML 11Page - Analog Devices ADG2108_15 Datasheet HTML 12Page - Analog Devices ADG2108_15 Datasheet HTML 13Page - Analog Devices ADG2108_15 Datasheet HTML 14Page - Analog Devices ADG2108_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADG2108
Rev. B | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
200
0
–5
12
SOURCE VOLTAGE (V)
180
160
140
120
100
80
60
40
20
–4 –3 –2 –1
0
1
2
3
4
5
6
7
8
9
10 11
VSS = –5V
VDD = +5V
VSS = 0V
VDD = +8V
VSS = 0V
VDD = +12V
TA = 25°C
IDS = 10mA
Figure 4. Signal Range
85
75
65
55
45
35
25
–5.5
1.5
0.5
–0.5
–1.5
–2.5
–3.5
–4.5
SOURCE VOLTAGE (V)
VDD/VSS = ±4.5V
VDD/VSS = ±5V
VDD/VSS = ±5.5V
TA = 25°C
IDS = 10mA
Figure 5. RON vs. Source Voltage, Dual ±5 V Supplies
70
65
60
55
50
45
40
35
30
25
20
0
8
7
6
5
4
3
2
1
SOURCE VOLTAGE (V)
VDD = 12V
VDD = 10.8V
VDD = 13.2V
TA = 25°C
IDS = 10mA
Figure 6. RON vs. Supplies, VDD = 12 V ± 10%
90
80
70
60
50
40
30
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
SOURCE VOLTAGE (V)
VDD = 8V
VDD = 7.2V
VDD = 8.8V
TA = 25°C
IDS = 10mA
Figure 7. RON vs. Source Voltage, VDD = 8 V ± 10%
80
70
60
50
40
30
20
10
0
–5
1
0
–1
–2
–3
–4
SOURCE VOLTAGE (V)
VDD = +5V
VSS = –5V
IDS = 10mA
TA = +85°C
TA = +125°C
TA = +25°C
TA = –40°C
Figure 8. RON vs. Temperature, Dual ±5 V Supplies
60
50
40
30
20
10
0
0
6
5
4
3
2
1
SOURCE VOLTAGE (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 12V
VSS = 0V
IDS = 10mA
Figure 9. RON vs. Temperature, VDD = 12 V


Podobny numer części - ADG2108_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG2108BCPZ-HS-RL7 AD-ADG2108BCPZ-HS-RL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108BCPZ-R2 AD-ADG2108BCPZ-R2 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108BCPZ-REEL7 AD-ADG2108BCPZ-REEL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108YCPZ-HS-RL7 AD-ADG2108YCPZ-HS-RL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108YCPZ-R2 AD-ADG2108YCPZ-R2 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
More results

Podobny opis - ADG2108_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG2128 AD-ADG2128_15 Datasheet
510Kb / 28P
   Switch Array With Dual/Single Supplies
REV. D
ADG2128 AD-ADG2128 Datasheet
759Kb / 28P
   IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
REV. A
ADG2188 AD-ADG2188 Datasheet
720Kb / 28P
   IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
logo
Eutech Microelectronics...
EUP3506 EUTECH-EUP3506 Datasheet
391Kb / 1P
   Dual 1.5A Line Switch with Dual 1.5A Line Switch with
logo
Analog Devices
AD75019 AD-AD75019_15 Datasheet
76Kb / 4P
   Crosspoint Switch Array
REV. C
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
logo
Qorvo, Inc
QM13244 QORVO-QM13244 Datasheet
341Kb / 5P
   4xSPST (Dual Single-Pole-Single-Throw Switch)
logo
Nexperia B.V. All right...
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66 NXP-74HC2G66 Datasheet
203Kb / 21P
   Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com