Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG2108 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADG2108
Szczegółowy opis  Switch Array with Dual/Single Supplies
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG2108 Arkusz danych(HTML) 3 Page - Analog Devices

  ADG2108_15 Datasheet HTML 1Page - Analog Devices ADG2108_15 Datasheet HTML 2Page - Analog Devices ADG2108_15 Datasheet HTML 3Page - Analog Devices ADG2108_15 Datasheet HTML 4Page - Analog Devices ADG2108_15 Datasheet HTML 5Page - Analog Devices ADG2108_15 Datasheet HTML 6Page - Analog Devices ADG2108_15 Datasheet HTML 7Page - Analog Devices ADG2108_15 Datasheet HTML 8Page - Analog Devices ADG2108_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADG2108
Rev. B | Page 3 of 28
SPECIFICATIONS
VDD = 12 V ± 10%, VSS = 0 V, VL = 5 V, GND = 0 V, all specifications TMIN to TMAX, unless otherwise noted.1
Table 1.
Parameter
B Version
Y Version
Unit
Conditions
+25°C
−40°C to
+85°C
+25°C
−40°C to
+125°C
ANALOG SWITCH
Analog Signal Range
VDD − 2 V
VDD − 2 V
V max
On Resistance, RON
30
30
Ω typ
VDD = 10.8 V, VIN = 0 V, IS = −10 mA
35
40
35
42
Ω max
32
32
Ω typ
VDD = 10.8 V, VIN = 1.4 V, IS = −10 mA
37
42
37
47
Ω max
45
45
Ω typ
VDD = 10.8 V, VIN = 5.4 V, IS = −10 mA
50
57
50
62
Ω max
On Resistance Matching
4.5
4.5
Ω typ
VDD = 10.8 V, VIN = 0 V, IS = −10 mA
Between Channels, ∆RON
8
9
8
10
Ω max
On Resistance Flatness, RFLAT(ON)
2.3
2.3
Ω typ
VDD = 10.8 V, VIN = 0 V to 1.4 V, IS = −10 mA
3.5
4
3.5
5
Ω max
14.5
14.5
Ω typ
VDD = 10.8 V, VIN = 0 V to 5.4 V, IS = −10 mA
18
20
18
22
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V
Channel Off Leakage, IOFF
±0.03
±0.03
µA typ
VX = 7 V/1 V, VY = 1 V/7 V
Channel On Leakage, ION
±0.03
±0.03
µA typ
VX = VY = 1 V or 7 V
DYNAMIC CHARACTERISTICS2
COFF
11
11
pF typ
CON
18.5
18.5
pF typ
tON
170
170
ns typ
RL = 300 Ω, CL = 35 pF
185
190
185
195
ns max
tOFF
210
210
ns typ
RL = 300 Ω, CL = 35 pF
250
255
250
260
ns max
THD + N
0.04
0.04
% typ
RL = 10 kΩ, f = 20 Hz to 20 kHz,
VS = 1 V p-p
PSRR
90
dB typ
f = 20 kHz; without decoupling;
see Figure 24
−3 dB Bandwidth
210
210
MHz typ
Individual inputs to outputs
16.5
16.5
MHz typ
8 inputs to 1 output
Off Isolation
−69
−69
dB typ
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Channel-to-Channel Crosstalk
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Adjacent Channels
−63
−63
dB typ
Nonadjacent Channels
−76
−76
dB typ
Differential Gain
0.4
0.4
% typ
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Differential Phase
0.6
0.6
° typ
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Charge Injection
−3.5
−3.5
pC typ
VS = 4 V, RS = 0 Ω, CL = 1 nF
LOGIC INPUTS (Ax, RESET)2
Input High Voltage, VINH
2.0
2.0
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current, IIN
0.005
0.005
µA typ
±1
±1
µA max
Input Capacitance, CIN
7
7
pF typ


Podobny numer części - ADG2108_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG2108BCPZ-HS-RL7 AD-ADG2108BCPZ-HS-RL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108BCPZ-R2 AD-ADG2108BCPZ-R2 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108BCPZ-REEL7 AD-ADG2108BCPZ-REEL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108YCPZ-HS-RL7 AD-ADG2108YCPZ-HS-RL7 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108YCPZ-R2 AD-ADG2108YCPZ-R2 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
More results

Podobny opis - ADG2108_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG2128 AD-ADG2128_15 Datasheet
510Kb / 28P
   Switch Array With Dual/Single Supplies
REV. D
ADG2128 AD-ADG2128 Datasheet
759Kb / 28P
   IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
REV. A
ADG2188 AD-ADG2188 Datasheet
720Kb / 28P
   IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
logo
Eutech Microelectronics...
EUP3506 EUTECH-EUP3506 Datasheet
391Kb / 1P
   Dual 1.5A Line Switch with Dual 1.5A Line Switch with
logo
Analog Devices
AD75019 AD-AD75019_15 Datasheet
76Kb / 4P
   Crosspoint Switch Array
REV. C
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
logo
Qorvo, Inc
QM13244 QORVO-QM13244 Datasheet
341Kb / 5P
   4xSPST (Dual Single-Pole-Single-Throw Switch)
logo
Nexperia B.V. All right...
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66 NXP-74HC2G66 Datasheet
203Kb / 21P
   Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com