Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADIS16201 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADIS16201
Szczegółowy opis  Programmable Dual-Axis Inclinometer/Accelerometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADIS16201 Arkusz danych(HTML) 5 Page - Analog Devices

  ADIS16201_15 Datasheet HTML 1Page - Analog Devices ADIS16201_15 Datasheet HTML 2Page - Analog Devices ADIS16201_15 Datasheet HTML 3Page - Analog Devices ADIS16201_15 Datasheet HTML 4Page - Analog Devices ADIS16201_15 Datasheet HTML 5Page - Analog Devices ADIS16201_15 Datasheet HTML 6Page - Analog Devices ADIS16201_15 Datasheet HTML 7Page - Analog Devices ADIS16201_15 Datasheet HTML 8Page - Analog Devices ADIS16201_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 5 of 32
TIMING SPECIFICATIONS
TA = 25°C, VDD = 3.3 V, tilt = 0°, unless otherwise noted.
Table 2.
Parameter
Description
Min1
Typ
Max
Unit
fSCLK
Fast mode, SMPL_TIME ≤ 0x07 (fs ≥ 1024 Hz)
0.01
2.5
MHz
Normal mode, SMPL_TIME ≥ 0x08 (fs ≤ 910 Hz)
0.01
1.0
MHz
tDATARATE
Chip select period, fast mode, SMPL_TIME ≤ 0x07 (fs ≥ 1024 Hz)
32
μs
tDATARATE
Chip select period, normal mode, SMPL_TIME ≥ 0x08 (fs ≤ 910 Hz)
42
μs
tSTALL
Stall period, fast mode, SMPL_PRD ≤ 0x07 (fs ≥ 1024 Hz)
10
μs
tSTALL
Stall period, normal mode, SMPL_PRD ≥ 0x08 (fs ≤ 910 Hz)
12
μs
tcs
Chip select to clock edge
48.8
ns
tDAV
Data output valid after SCLK edge
100
ns
tDSU
Data input setup time before SCLK rising edge
24.4
ns
tDHD
Data input hold time after SCLK rising edge
48.8
ns
tDF
Data output fall time
5
12.5
ns min
tDR
Data output rise time
5
12.5
ns min
tSFS
CS high after SCLK edge
5
ns typ
1 Guaranteed by design, not tested.
TIMING DIAGRAMS
CS
SCLK
tDATA RATE
tSTALL = tDATA RATE – 16/fSCLK
tSTALL
Figure 2. SPI Chip Select Timing
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
W/R
A5
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tSFS
tDAV
tDHD
tDSU
Figure 3. SPI Timing
(Utilizing SPI Settings Typically Identified as Phase = 1, Polarity = 1)


Podobny numer części - ADIS16201_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16201/PCB AD-ADIS16201/PCB Datasheet
772Kb / 32P
   Programmable Dual-Axis
REV. C
ADIS16201CCCZ AD-ADIS16201CCCZ Datasheet
772Kb / 32P
   Programmable Dual-Axis
REV. C
ADIS16201CCCZ AD-ADIS16201CCCZ Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201PCB AD-ADIS16201PCB Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201PCBZ AD-ADIS16201PCBZ Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
More results

Podobny opis - ADIS16201_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
   Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
Rev. PrA
logo
TE Connectivity Ltd
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
   Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
   Dual axis inclinometer
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
   Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
   Dual axis inclinometer
logo
VTI technologies
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
   Accelerometer/Inclinometer
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
   Accelerometer/Inclinometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com