Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADIS16251 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADIS16251
Szczegółowy opis  Programmable Low Power Gyroscope
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADIS16251 Arkusz danych(HTML) 1 Page - Analog Devices

  ADIS16251_15 Datasheet HTML 1Page - Analog Devices ADIS16251_15 Datasheet HTML 2Page - Analog Devices ADIS16251_15 Datasheet HTML 3Page - Analog Devices ADIS16251_15 Datasheet HTML 4Page - Analog Devices ADIS16251_15 Datasheet HTML 5Page - Analog Devices ADIS16251_15 Datasheet HTML 6Page - Analog Devices ADIS16251_15 Datasheet HTML 7Page - Analog Devices ADIS16251_15 Datasheet HTML 8Page - Analog Devices ADIS16251_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Programmable Low Power Gyroscope
ADIS16251
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Yaw rate gyroscope with digital range scaling
±20°/sec, ±40°/sec, and ±80°/sec settings
14-bit digital gyroscope sensor outputs
12-bit digital temperature sensor output
Calibrated sensitivity and bias
In-system, auto-zero for bias drift calibration
Digitally controlled sample rate
Digitally controlled frequency response
Dual alarm settings with configurable operation
Embedded integration for short-term angle estimates
Digitally activated self-test
Digitally activated low power mode
Interrupt-driven wake-up
SPI-compatible serial interface
49 Hz sensor bandwidth
Auxiliary 12-bit ADC input and 12-bit DAC output
Auxiliary digital input/output
Single-supply operation: 4.75 V to 5.25 V
2000 g powered shock survivability
APPLICATIONS
Instrumentation control
Platform control and stabilization
Motion control and analysis
Avionics instrumentation
Navigation
Image stabilization
Robotics
FUNCTIONAL BLOCK DIAGRAM
SCLK
DIN
DOUT
DIO1 DIO2
SPI
PORT
TEMPERATURE
SENSOR
SELF-TEST
POWER
MANAGEMENT
AUXILIARY
I/O
ALARM
DIGITAL
CONTROL
SIGNAL
CONDITIONING
AND
CONVERSION
CALIBRATION
AND
DIGITAL
PROCESSING
ADIS16251
VCC
FILT
RATE
COM
AUX
ADC
AUX
DAC VREF
GYROSCOPE
SENSOR
RST
CS
Figure 1.
GENERAL DESCRIPTION
The ADIS16251 is a complete angular rate, measurement sys-
tem, available in a single compact package enabled by Analog
Devices, Inc. iSensor™ integration. By enhancing Analog Devices
iMEMS® sensor technology with an embedded signal processing
solution, the ADIS16251 provides factory-calibrated and tunable
digital sensor data in a convenient format that can be accessed
using a simple SPI serial interface. The SPI interface provides
access to measurements for the gyroscope, temperature, power
supply, and one auxiliary analog input. Easy access to calibrated
digital sensor data provides developers with a system-ready
device, reducing development time, cost, and program risk.
The device range can be digitally selected from three different
settings: ±20°/sec, ±40°/sec, and ±80°/sec. Unique charac-
teristics of the end system are accommodated easily through
several built-in features, including a single-command auto-zero
recalibration function, as well as a configurable sample rate and
frequency response. Additional features can be used to further
reduce system complexity, including:
Configurable alarm function
Auxiliary 12-bit ADC and DAC
Two configurable digital I/O ports
Digital self-test function
System power dissipation can be optimized via the ADIS16251
power management features, including an interrupt-driven
wake-up. The ADIS16251 is available in an 11 mm × 11 mm ×
5.5 mm, laminate-based, land grid array (LGA) package with a
temperature range of −40°C to +85°C.


Podobny numer części - ADIS16251_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16251ACCZ AD-ADIS16251ACCZ Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope
Rev. PrA
ADIS16251PCBZ AD-ADIS16251PCBZ Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope
Rev. PrA
ADIS16251PCBZ AD-ADIS16251PCBZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Podobny opis - ADIS16251_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16255 AD-ADIS16255_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
ADIS16251 AD-ADIS16251 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope
Rev. PrA
ADIS16250 AD-ADIS16250_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
ADIS16250 AD-ADIS16250 Datasheet
445Kb / 20P
   Programmable Low Power Gyroscope
REV. 0
ADIS16260 AD-ADIS16260 Datasheet
386Kb / 19P
   Programmable Low Power Gyroscope
Rev. PrB
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope with Temperature Compensation
Rev. PrA
logo
Bosch Sensortec GmbH
BMG250 BOSCH-BMG250 Datasheet
1Mb / 74P
   Low noise, low power triaxial gyroscope
logo
Maxim Integrated Produc...
MAX21002 MAXIM-MAX21002 Datasheet
982Kb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
MAX21000 MAXIM-MAX21000 Datasheet
1Mb / 26P
   Ultra-Accurate, Low Power, 3-Axis Digital Output Gyroscope
Rev 1; 2/13
MAX21003 MAXIM-MAX21003 Datasheet
2Mb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com