Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5306 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADL5306
Szczegółowy opis  Low Cost Logarithmic Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5306 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADL5306_15 Datasheet HTML 2Page - Analog Devices ADL5306_15 Datasheet HTML 3Page - Analog Devices ADL5306_15 Datasheet HTML 4Page - Analog Devices ADL5306_15 Datasheet HTML 5Page - Analog Devices ADL5306_15 Datasheet HTML 6Page - Analog Devices ADL5306_15 Datasheet HTML 7Page - Analog Devices ADL5306_15 Datasheet HTML 8Page - Analog Devices ADL5306_15 Datasheet HTML 9Page - Analog Devices ADL5306_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADL5306
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
(VP = 5 V, VN = 0 V, RREF = 200 kΩ, TA = 25
°C, unless otherwise noted.)
0
0.2
0.4
0.6
0.8
1.0
1.2
10n
100n
1
µ
10
µ
100
µ
1m
IPD (A)
03727-0-003
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
Figure 3. VLOG vs. IPD for Multiple Temperatures
0
0.2
0.4
0.6
0.8
1.0
1.4
1.2
10n
100n
1
µ
10
µ
100
µ
1m
IREF (A)
03727-0-004
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
Figure 4. VLOG vs. IREF for Multiple Temperatures
0
0.2
0.4
0.6
0.8
1.0
1.6
1.4
1.2
10n
100n
1
µ
10
µ
100
µ
1m
IPD (A)
03727-0-005
100nA
1
µA
10
µA
100
µA
Figure 5. VLOG vs. IPD for Multiple Values of IREF
(Decade Steps from 10 nA to 1 mA)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
10n
100n
1
µ
10
µ
100
µ
1m
IPD (A)
03727-0-006
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
–40°C
+25°C
+70°C
+85°C
0°C
Figure 6. Law Conformance Error vs. IPD (IREF = 10 µA) for Multiple
Temperatures, Normalized to 25°C
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
10n
100n
1
µ
10
µ
100
µ
1m
IREF (A)
03727-0-007
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
–40°C
+25°C
+70°C
+85°C
0°C
Figure 7. Law Conformance Error vs. IREF (IPD = 10 µA) for Multiple
Temperatures, Normalized to 25°C
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
10n
100n
1
µ
10
µ
100
µ
1m
IPD (A)
03727-0-008
100nA
1
µA
10
µA
100
µA
Figure 8. Law Conformance Error vs. IPD for Multiple Values of IREF
(Decade Steps from 10 nA to 1 mA)


Podobny numer części - ADL5306_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5306ACP AD-ADL5306ACP Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
ADL5306ACP-R2 AD-ADL5306ACP-R2 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
ADL5306ACP-REEL7 AD-ADL5306ACP-REEL7 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
More results

Podobny opis - ADL5306_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
   160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
ADL5306 AD-ADL5306 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
ADL5310 AD-ADL5310_18 Datasheet
570Kb / 20P
   Dual Logarithmic Converter
ADL5310 AD-ADL5310_15 Datasheet
595Kb / 20P
   Dual Logarithmic Converter
REV. A
AD8305 AD-AD8305_17 Datasheet
560Kb / 24P
   Range Logarithmic Converter
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
logo
Recom International Pow...
ROE-0505S RECOM-ROE-0505S Datasheet
576Kb / 2P
   LOW COST 1W CONVERTER
RBE-0505S RECOM-RBE-0505S Datasheet
573Kb / 2P
   LOW COST 1W CONVERTER
REE RECOM-REE Datasheet
83Kb / 2P
   Low Cost 1W Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com