Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5590 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADL5590
Szczegółowy opis  869 MHz to 1990 MHz Quadrature Modulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5590 Arkusz danych(HTML) 8 Page - Analog Devices

  ADL5590_15 Datasheet HTML 1Page - Analog Devices ADL5590_15 Datasheet HTML 2Page - Analog Devices ADL5590_15 Datasheet HTML 3Page - Analog Devices ADL5590_15 Datasheet HTML 4Page - Analog Devices ADL5590_15 Datasheet HTML 5Page - Analog Devices ADL5590_15 Datasheet HTML 6Page - Analog Devices ADL5590_15 Datasheet HTML 7Page - Analog Devices ADL5590_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADL5590/ADL5591
Rev. 0 | Page 8 of 8
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-1
1
36
9
10
28
27
19
18
3.80
3.70 SQ
3.60
TOP
VIEW
6.00
BSC SQ
5.75
BCS SQ
COPLANARITY
0.08
4.50
REF
0.75
0.55
0.35
0.50
BSC
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.20 MIN
EXPOSED
PAD
(BOT TOM VIEW)
PIN 1
INDICATOR
0.30
0.25
0.18
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
SEATING
PLANE
Figure 4. 36-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
6 mm × 6 mm Body, Very Thin Quad
(CP-36-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADL5590ACPZ-R71
−40°C to +85°C
36-Lead LFCSP_VQ, 7" Tape and Reel
CP-36-1
ADL5591ACPZ-R71
−40°C to +85°C
36-Lead LFCSP_VQ, 7" Tape and Reel
CP-36-1
1 Z = RoHS Compliant Part.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06661-0-5/07(0)


Podobny numer części - ADL5590_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5590ACPZ-R7 AD-ADL5590ACPZ-R7 Datasheet
217Kb / 8P
   869 MHz to 1990 MHz Quadrature Modulators
REV. 0
More results

Podobny opis - ADL5590_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5590 AD-ADL5590 Datasheet
217Kb / 8P
   869 MHz to 1990 MHz Quadrature Modulators
REV. 0
ADL5591 AD-ADL5591_15 Datasheet
218Kb / 8P
   869 MHz to 1990 MHz Quadrature Modulators
REV. 0
logo
Tyco Electronics
MADCSM0001 MACOM-MADCSM0001 Datasheet
267Kb / 8P
   Dual-Band/Triple-Mode Downconverter 869 - 893 MHz and 1930 - 1990 MHz
logo
Analog Devices
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
   700 MHz to 1050 MHz Quadrature
REV. B
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5374 AD-ADL5374_15 Datasheet
862Kb / 20P
   3000 MHz to 4000 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com