Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM242 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADM242
Szczegółowy opis  CMOS RS-232 Drivers/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM242 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADM242_15 Datasheet HTML 3Page - Analog Devices ADM242_15 Datasheet HTML 4Page - Analog Devices ADM242_15 Datasheet HTML 5Page - Analog Devices ADM242_15 Datasheet HTML 6Page - Analog Devices ADM242_15 Datasheet HTML 7Page - Analog Devices ADM242_15 Datasheet HTML 8Page - Analog Devices ADM242_15 Datasheet HTML 9Page - Analog Devices ADM242_15 Datasheet HTML 10Page - Analog Devices ADM242_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ADM222/ADM232A/ADM242
–10–  
 
REV. B 
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
COMPLIANT TO JEDEC STANDARDS MS-001
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
18
1
9
10
0.100 (2.54)
BSC
0.920 (23.37)
0.900 (22.86)
0.880 (22.35)
0.210 (5.33)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.015 (0.38)
GAUGE
PLANE
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
Figure 1
8. 18-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body
(N-18)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM222AN
−40°C to +85°C
18-Lead PDIP
N-18
ADM222ANZ
−40°C to +85°C
18-Lead PDIP
N-18
ADM222AR
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM222ARZ
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM222ARZ-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM232AAN
−40°C to +85°C
16-Lead PDIP
N-16
ADM232AANZ
−40°C to +85°C
16-Lead PDIP
N-16
ADM232AARN
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARN-REEL
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARN-REEL7
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ-REEL
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ-REEL7
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARW
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARW-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARWZ
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARWZ-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM242AN
−40°C to +85°C
18-Lead PDIP
N-18
ADM242ANZ
−40°C to +85°C
18-Lead PDIP
N-18
ADM242AR
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242AR-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242ARZ
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242ARZ-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
1 Z = RoHS Compliant Part.


Podobny numer części - ADM242_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM242AN AD-ADM242AN Datasheet
332Kb / 9P
   High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
REV. 0
ADM242AN AD-ADM242AN Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM242ANZ AD-ADM242ANZ Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM242ANZ AD-ADM242ANZ Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM242AR AD-ADM242AR Datasheet
332Kb / 9P
   High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
REV. 0
More results

Podobny opis - ADM242_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM233L AD-ADM233L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM222 AD-ADM222_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM237L AD-ADM237L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205_15 Datasheet
363Kb / 12P
   CMOS RS-232 Drivers/Receivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com