Zakładka z wyszukiwarką danych komponentów |
|
2SJ185 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
2SJ185 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
1 / 3 page SMD Type www.kexin.com.cn 1 MOSFET P-Channel MOSFET 2SJ185 ■ Features ● VDS (V) =-50V ● ID =-0.1 A (VGS =-4V) ● RDS(ON) < 20Ω (VGS =-4V) ● RDS(ON) < 40Ω (VGS =-2.5V) ● Comp;ementary to 2SK1399 0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 1 2 3 Unit: mm SOT-23 0.1 +0.05 -0.01 1. Gate 2. Source 3. Drain ■ Absolute Maximum Ratings Ta = 25℃ Parameter Symbol Rating Unit Drain-Source Voltage VDS -50 Gate-Source Voltage VGS ± 7 Continuous Drain Current ID -100 Pulsed Drain Current (Note.1) IDM -200 Power Dissipation PD 200 mW Junction Temperature TJ 150 Operating Temperature Topt -55 to 80 Junction Storage Temperature Range Tstg -55 to 150 V mA ℃ Note.1: PW ≤ 10ms,Duty Cycle ≤ 50% ■ Electrical Characteristics Ta = 25℃ Parameter Symbol Test Conditions Min Typ Max Unit Drain-Source Breakdown Voltage VDSS ID=-250μA, VGS=0V -50 V Zero Gate Voltage Drain Current IDSS VDS=-50V, VGS=0V -10 uA Gate-Body leakage current IGSS VDS=0V, VGS=±7V ± 5 uA Gate Cut off Voltage VGS(off) VDS=-3V,ID=-1uA -1.2 -2 V VGS=-2.5V, ID=-1mA 40 VGS=-4V, ID=-10mA 20 Forward Transconductance gFS VDS=-3V, ID=-10mA 20 42 mS Input Capacitance Ciss 22 Output Capacitance Coss 12 Reverse Transfer Capacitance Crss 4 Turn-On DelayTime td(on) 80 Turn-On Rise Time tr 230 Turn-Off DelayTime td(off) 40 Turn-Off Fall Time tf 70 pF Static Drain-Source On-Resistance RDS(On) Ω VGS(on)=-3V, VDS=-3V, ID=-20mA, RL=150Ω,RGEN=10Ω ns VGS=0V, VDS=-3V, f=1MHz ■ Marking Marking H12 |
Podobny numer części - 2SJ185_15 |
|
Podobny opis - 2SJ185_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |