Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT6031 Arkusz danych(PDF) 2 Page - ADTech

Numer części ADT6031
Szczegółowy opis  LED Controller with Active PFC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADTECH [ADTech]
Strona internetowa  
Logo ADTECH - ADTech

ADT6031 Arkusz danych(HTML) 2 Page - ADTech

  ADT6031 Datasheet HTML 1Page - ADTech ADT6031 Datasheet HTML 2Page - ADTech ADT6031 Datasheet HTML 3Page - ADTech ADT6031 Datasheet HTML 4Page - ADTech ADT6031 Datasheet HTML 5Page - ADTech ADT6031 Datasheet HTML 6Page - ADTech ADT6031 Datasheet HTML 7Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
May 26. 2014 / Preliminary
2/7
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6031
PSR LED Driver
PIN CONFIGURATION
1
2
3
4
VREG5
VCC
DIM
GD
MULT
GND
CS
ZCD
8
7
6
5
Pin No.
Pin Name
Description
1
VREG5
5V power supply output. A capacitor (typical 1µF) should be connected to GND.
2
DIM
0V~10V Dimming / PWM Dimming input
3
MULT
Main input of the multiplier. Connected to the rectified main voltage via a resistor
divider and provides the sinusoidal reference to the current loop.
4
CS
Current sense input and one input of internal PWM comparator.
5
ZCD
Zero Current Detection input. A negative edge triggers MOSFET’ turn on.
6
GND
Ground.
7
GD
Gate driver output.
8
VCC
Supply voltage input.
SIMPLIFIED BLOCK DIAGRAM


Podobny numer części - ADT6031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
More results

Podobny opis - ADT6031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
   Non-isolated Offline LED Controller with Active PFC
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
   Primary Side Control Offline LED Controller with Active PFC
MP4051 MPS-MP4051 Datasheet
600Kb / 16P
   Non-isolated Solution Offline LED Controller with Active PFC
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
   Primary-Side-Control, Offline LED Controller with Active PFC
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Monolithic Power System...
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
   TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
   TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com