Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1072 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADM1072
Szczegółowy opis  Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1072 Arkusz danych(HTML) 1 Page - Analog Devices

  ADM1072_15 Datasheet HTML 1Page - Analog Devices ADM1072_15 Datasheet HTML 2Page - Analog Devices ADM1072_15 Datasheet HTML 3Page - Analog Devices ADM1072_15 Datasheet HTML 4Page - Analog Devices ADM1072_15 Datasheet HTML 5Page - Analog Devices ADM1072_15 Datasheet HTML 6Page - Analog Devices ADM1072_15 Datasheet HTML 7Page - Analog Devices ADM1072_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
=
ADM1072
One
Technology
Way,
P.O.
Box
9106,
Norwood,
MA
02062-9106,
U.S.A.
Tel:
781/329-4700
World
Wide
Web
Site:
http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Rev. PrE 1/02
Preliminary Technical Data
Dual, USB 2.0 Full/Standby Power
Controller with Supply Steering
FUNCTIONAL BLOCK DIAGRAM
FEATURES
500mA Load Current (100mA in Standby Mode)
135m
On Resistance
Switchable Current Limit
50µA Typical Quiescent Current
10nA Typical Shutdown Current
40nA Typical Switch Off Leakage
Short-Circuit Protection
Thermal Shutdown
FLT Outputs
Small, 16-Pin QSOP Package
APPLICATIONS
Desktop Computers
Palmtop Computers
Notebook Computers
Hand-Held Instruments
Universal Serial Bus (USB)
GENERAL DESCRIPTION
The ADM1072 is a logic controlled, dual P-channel switch
with low on resistance and a built-in current limiter, capable of
sourcing up to 1A from supply voltages between 2.7V and
5.5V. In addition to logic inputs that switch each channel on
and off, the device has a standby input that switches the output
current limit, making it ideal for use with USB peripherals. In
normal operating mode and Standby mode the output current
is typically limited to 500mA and 100mA respectively, as
outlined by the USB2.0 Specification. This allows the system
power supply to be protected against short-circuits and surge
currents in peripheral USB devices powered via the ADM1072.
Over-current and over-temperature conditions are signalled by
a fault output
(FLT) for each channel.
The ADM1072 also offers low quiescent current of typically
50µA and shutdown current of typically 10nA.
4
120µF
5
0.2A MAIN FET
0.2A
MIRROR FET
MIRROR
AMPLIFIER
MAIN_IN
(2.7V TO 5.5V)
4.7µF
3
TEMPERATURE
SENSOR
7
14
CURRENT
LIMIT
AMPLIFIER
ON 1
1.24V
BANDGAP
REFERENCE
OVERTEMP
ADM1072
10
CURRENT
SETTING
RESISTOR
RPULLUP
10k
TO 100k
VPULLUP
0 TO 5.5V
FLT2
8
15
11
GND
CHANNEL 2 IS IDENTICAL TO CHANNEL 1
TO
CHANNEL 2
13
OP2
120µF
RPULLUP
10k
TO
100k
VPULLUP
0 TO
5.5V
FLT1
6
STBY
ON 2
UNDERVOLTAGE
SENSOR
TO
CHANNEL
2
TO
CHANNEL
2
TO
CHANNEL
2
9
2
1A MIRROR
FET
1A MAIN FET
12
STBY_IN
(2.7V TO
5.5V)
22µF
OP1
16
CONTROL
LOGIC
1
PRELIMINARY TECHNICAL DATA


Podobny numer części - ADM1072_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1072ARQ AD-ADM1072ARQ Datasheet
88Kb / 8P
   Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Rev. PrE 1/02
More results

Podobny opis - ADM1072_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1072 AD-ADM1072 Datasheet
88Kb / 8P
   Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Rev. PrE 1/02
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
List of Unclassifed Man...
TE7022SL ETC2-TE7022SL Datasheet
313Kb / 5P
   USB 2.0 Full-Speed Hi-Q USB Audio Streaming Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com