Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1812 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM1812
Szczegółowy opis  Microprocessor Reset Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1812 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM1812_15 Datasheet HTML 3Page - Analog Devices ADM1812_15 Datasheet HTML 4Page - Analog Devices ADM1812_15 Datasheet HTML 5Page - Analog Devices ADM1812_15 Datasheet HTML 6Page - Analog Devices ADM1812_15 Datasheet HTML 7Page - Analog Devices ADM1812_15 Datasheet HTML 8Page - Analog Devices ADM1812_15 Datasheet HTML 9Page - Analog Devices ADM1812_15 Datasheet HTML 10Page - Analog Devices ADM1812_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADM1810 to ADM1813/ADM1815 to ADM1818
Rev. F | Page 7 of 12
THEORY OF OPERATION
TIMING DIAGRAMS FOR ALL DEVICES
The following two timing diagrams are valid for ADM1810,
ADM1811, ADM1812, ADM1813, ADM1815, ADM1816,
ADM1817, and ADM1818.
Figure 9. Power-Down Timing Diagram
Figure 10. Power-Up Timing Diagram
ADM1813 AND ADM1818
The ADM1813 and ADM1818 are low cost voltage monitoring
devices featuring an open-drain with internal pull-up resistor
output and optional push-button reset function.
Figure 11. ADM1813/ADM1818 Typical Application
An optional push-button reset switch can be connected
between RST and ground. Pressing this switch pulls the reset
output low. If the push-button reset button pulls the RST output
low for a period greater than 1 µs when the reset button releases
the RST line to float high, then the RST line stays low for another
150 ms typical.
Figure 12. Push-Button Reset Timing Diagram
The ADM1818 range has 2.88 V and 2.55 V (typical) trip point
options that allow the user to monitor 3.3 V and 3 V supplies.
For 5 V monitoring requirements, the ADM1813 range has 4.62 V
and 4.35 V (typical) trip point options.
ADM1810, ADM1812, ADM1815, AND ADM1817
The ADM1812 is a 5 V supply monitor with an active high
push-pull output and trip point options of 4.62 V and 4.35 V
typical. The ADM1810 is similar to the ADM1812, except that
the ADM1810 has an active low push-pull output stage. The
ADM1817 is suitable for monitoring 3.3 V, 3 V, and 2.5 V
supplies, with an active high push-pull output and trip point
options of 3.06 V, 2.88 V, 2.55 V, 2.31 V, and 2.18 V typical.
The ADM1815 is similar to the ADM1817, except that the
ADM1815 has an active low push-pull output stage.
The ADM1810/ADM1812/ADM1815/ADM1817 can connect
directly to most microprocessor reset inputs without the need
for external components.
Figure 13. ADM1810/ADM1812/ADM1815/ADM1817 Typical Application
ADM1811 AND ADM1816
The ADM1811 is a 5 V supply monitor with an active low open-
drain with internal pull-up resistor output and trip point options of
4.62 V and 4.35 V typical. The ADM1816 also has an active low
open-drain with internal pull-up resistor output but is suitable
for monitoring lower voltage supplies of 3.3 V, 3 V, and 2.5 V.
Figure 14. ADM1811/ADM1816 Typical Application
VCC
VCC TRIP POINT (MAX)
VCC TRIP POINT (MIN)
VOL
VCC TRIP POINT
VCC TO RESET
DELAY
RST
VCC
VCC TRIP POINT (MAX)
RESET ACTIVE TIMEOUT
VCC TRIP POINT (MIN)
VCC TRIP POINT
RST
ADM1813/
ADM1818
VCC
GND
RST
VCC
MICRO-
PROCESSOR
RESET
VOLTAGE
INPUT HIGH
PUSH-BUTTON TIME
RESET TIMEOUT
VOLTAGE
INPUT LOW
ADM1810/
ADM1812/
ADM1815/
ADM1817
VCC
GND
RST/RST
VCC
MICRO-
PROCESSOR
RESET
ADM1811/
ADM1816
VCC
GND
RST
VCC
MICRO-
PROCESSOR
RESET


Podobny numer części - ADM1812_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1812-15ART-REEL AD-ADM1812-15ART-REEL Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
ADM1812-15ART-RL7 AD-ADM1812-15ART-RL7 Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
More results

Podobny opis - ADM1812_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com