Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM2023 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM2023
Szczegółowy opis  RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM2023 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM2023_15 Datasheet HTML 3Page - Analog Devices ADM2023_15 Datasheet HTML 4Page - Analog Devices ADM2023_15 Datasheet HTML 5Page - Analog Devices ADM2023_15 Datasheet HTML 6Page - Analog Devices ADM2023_15 Datasheet HTML 7Page - Analog Devices ADM2023_15 Datasheet HTML 8Page - Analog Devices ADM2023_15 Datasheet HTML 9Page - Analog Devices ADM2023_15 Datasheet HTML 10Page - Analog Devices ADM2023_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM202E/ADM1181A
Rev. C | Page 7 of 16
ESD/EFT TRANSIENT PROTECTION SCHEME
The ADM202E/ADM1181A use protective clamping structures
on all inputs and outputs to clamp the voltage to a safe level and
dissipate the energy present in electrostatic (ESD) and electrical
fast transients (EFT) discharges. A simplified schematic of the
protection structure is shown in Figure 8 and Figure 9. Each
input and output contains two back-to-back high speed
clamping diodes. During normal operation with maximum
RS-232 signal levels, the diodes have no effect because one or
the other is reverse biased depending on the polarity of the signal.
However, if the voltage exceeds about 50 V in either direction,
reverse breakdown occurs and the voltage is clamped at this level.
The diodes are large p-n junctions that are designed to handle
instantaneous current surges that exceed several amperes.
The transmitter outputs and receiver inputs have a similar
protection structure. The receiver inputs can dissipate some of
the energy through the internal 5 kΩ resistor to GND, as well as
through the protection diodes.
The protection structure achieves ESD protection up to ±15 kV
and EFT protection up to ±2 kV on all RS-232 I/O lines. The
methods used to test the protection scheme are discussed in the
ESD Testing (IEC1000-4-2) and Fast Transient/Burst Testing
(IEC1000-4-4) sections.
RIN
RX
D1
D2
RECEIVER
INPUT
R1
Figure 8. Receiver Input Protection Scheme
RX
D1
D2
TRANSMITTER
OUTPUT
TOUT
Figure 9. Transmitter Output Protection Scheme


Podobny numer części - ADM2023_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
More results

Podobny opis - ADM2023_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM207E AD-ADM207E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM208E AD-ADM208E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
logo
Sipex Corporation
SP304 SIPEX-SP304 Datasheet
143Kb / 12P
   RS-232/RS-422 Line Drivers/Receivers
SP301 SIPEX-SP301 Datasheet
186Kb / 18P
   RS-232/RS-422 Line Drivers/Receivers
logo
Exar Corporation
SP232A EXAR-SP232A Datasheet
857Kb / 10P
   Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L-TR EXAR-SP232ACT-L-TR Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com