Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM3307E Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADM3307E
Szczegółowy opis  15 kV ESD Protected, 2.7 V to 3.6 V Serial
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM3307E Arkusz danych(HTML) 1 Page - Analog Devices

  ADM3307E_15 Datasheet HTML 1Page - Analog Devices ADM3307E_15 Datasheet HTML 2Page - Analog Devices ADM3307E_15 Datasheet HTML 3Page - Analog Devices ADM3307E_15 Datasheet HTML 4Page - Analog Devices ADM3307E_15 Datasheet HTML 5Page - Analog Devices ADM3307E_15 Datasheet HTML 6Page - Analog Devices ADM3307E_15 Datasheet HTML 7Page - Analog Devices ADM3307E_15 Datasheet HTML 8Page - Analog Devices ADM3307E_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
15 kV ESD Protected, 2.7 V to 3.6 V Serial
Port Transceivers with Green Idle™
Data Sheet
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E1
Rev. I
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Green Idle power-saving mode
Single 2.7 V to 3.6 V power supply
Operates with 3 V logic
0.1 µF to 1 µF charge pump capacitors
Low EMI
Low power shutdown: 20 nA
Full RS-232 compliance
460 kb/s data rate
One receiver active in shutdown
(ADM3307E/ADM3311E/ADM3312E/ADM3315E)
Two receivers active in shutdown (ADM3310E)
ESD >15 kV IEC 1000-4-2 on RS-232 I/Os
ESD >15 kV IEC 1000-4-2 on CMOS and RS-232 I/Os
(ADM3307E)
Qualified for automotive applications
APPLICATIONS
Mobile phone handsets/data cables
Laptop and notebook computers
Printers
Peripherals
Modems
PDAs/Hand-Held Devices/Palmtop Computers
FUNCTIONAL BLOCK DIAGRAMS
VCC
R1OUT
T5IN
T4IN
T1IN
T1OUT
T3IN
T2IN
ADM3307E
SD
V+
C1+
C1–
C2–
V–
C3+
VCC
GND
C2
C3–
C2+
C1
0.1µF
0.1µF
R2OUT
R3OUT
T2OUT
T3OUT
T4OUT
T5OUT
R1IN
R2IN
R3IN
0.1µF
CERAMIC
10µF
TANTALUM
+
C4
0.1µF
SHUTDOWN
INPUT
ENABLE
INPUT
CMOS
INPUTS1
CMOS
OUTPUTS
EN
VOLTAGE
TRIPLER/
INVERTER
+3V TO ±9V
C3
0.1µF
C5
0.1µF
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS2
T1
T3
T2
T5
T4
R3
R1
R2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
Figure 1. ADM3307E Functional Block Diagram
VCC
T1IN
T1OUT
T3IN
T2IN
ADM3310E/
ADM3311E
C1+
V+
C3–
C2–
VCC
C1–
GND
C2+
SD
V–
C3+
C1
0.1µF
T2OUT
T3OUT
0.1µF
CERAMIC
10µF
TANTALUM
+
C4
0.1µF
C2
0.1µF
ENABLE
INPUT
SHUTDOWN
INPUT
CMOS
INPUTS1
CMOS
OUTPUTS
EN
VOLTAGE
TRIPLER/
INVERTER
+3V TO ±9V
C3
0.1µF
C5
0.1µF
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS2
R1OUT
R1IN
R1
R3OUT
R3IN
R3
R2OUT
R2IN
R2
R5OUT
R5IN
R5
R4OUT
R4IN
R4
T3
T1
T2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
VCC
T1IN
T1OUT
T3IN
T2IN
ADM3312E/
ADM3315E
C1+
V+
C3–
C2–
VCC
C1–
GND
C2+
SD
V–
C3+
C1
0.1µF
T2OUT
T3OUT
0.1µF
CERAMIC
10µF
TANTALUM
+
C4
0.1µF
C2
0.1µF
ENABLE
INPUT
SHUTDOWN
INPUT
CMOS
INPUTS1
EN
VOLTAGE
TRIPLER/
INVERTER
+3V TO ±9V
C3
0.1µF
C5
0.1µF
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS2
R1OUT
R1IN
R3OUT
R3IN
R2OUT
R2IN
R1
R3
R2
T3
T1
T2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH CMOS INPUT.
2INTERNAL 5k
Ω (22kΩ FOR ADM3315E) PULL-DOWN RESISTOR ON
EACH RS-232 INPUT.
Figure 2. ADM3310E/ADM3311E Functional Block Diagram
Figure 3. ADM3312E/ADM3315E Functional Block Diagram
1
Protected by U.S. Patent No. 5,606,491.


Podobny numer części - ADM3307E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3307EACP AD-ADM3307EACP Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACP-REEL AD-ADM3307EACP-REEL Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACP-REEL7 AD-ADM3307EACP-REEL7 Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACPZ AD-ADM3307EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307EACPZ AD-ADM3307EACPZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
More results

Podobny opis - ADM3307E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3307E AD-ADM3307E Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com