Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM6710AARJZ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADM6710AARJZ-REEL7
Szczegółowy opis  Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM6710AARJZ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  ADM6710AARJZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM6710AARJZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM6710AARJZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM6710AARJZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM6710AARJZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM6710AARJZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM6710AARJZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM6710AARJZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM6710AARJZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM6710
Rev. A | Page 5 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IN1 1
IN2 2
RESET
6
GND
5
IN3 3
ADM6710
TOP VIEW
IN4
4
(Not to Scale)
Figure 2. ADM6710 Pin Configuration
IN1 1
VCC 2
IN3 3
RESET
6
GND
5
IN4
4
ADM6710Q
TOP VIEW
(Not to Scale)
Figure 3. ADM6710Q Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN1
Input Voltage 1.
2
IN2
Input Voltage 2. IN2 is the power supply input for the ADM6710.
VCC
VCC is the power supply input for the ADM6710Q. It is not a monitored input.
3
IN3
Input Voltage 3.
4
IN4
Input Voltage 4.
5
GND
Ground.
6
RESET
Active Low RESET Output. RESET goes low when an input drops below the specified threshold. Once all inputs
rise above the threshold voltage, RESET remains low for 200 ms (typical) before going high. RESET is open drain
with a weak internal pull-up to IN2 or, in the case of the ADM6710Q, to VCC, typically 10 μA.


Podobny numer części - ADM6710AARJZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6710AARJZ-REEL7 AD-ADM6710AARJZ-REEL7 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
More results

Podobny opis - ADM6710AARJZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
   Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
   Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
   Low voltage, high accuracy, triple/quad voltage microprocessor
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com