Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM8617 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADM8617
Szczegółowy opis  Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM8617 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADM8617_15 Datasheet HTML 4Page - Analog Devices ADM8617_15 Datasheet HTML 5Page - Analog Devices ADM8617_15 Datasheet HTML 6Page - Analog Devices ADM8617_15 Datasheet HTML 7Page - Analog Devices ADM8617_15 Datasheet HTML 8Page - Analog Devices ADM8617_15 Datasheet HTML 9Page - Analog Devices ADM8617_15 Datasheet HTML 10Page - Analog Devices ADM8617_15 Datasheet HTML 11Page - Analog Devices ADM8617_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM8616/ADM8617
Rev. B | Page 8 of 12
CIRCUIT DESCRIPTION
The ADM8616/ADM8617 provide microprocessor supply
voltage supervision by controlling the microprocessors RESET
input. Code execution errors are avoided during power-up,
power-down, and brownout conditions by asserting a RESET
signal when the supply voltage is below a preset threshold and
by allowing supply voltage stabilization with a fixed timeout
RESET after the supply voltage rises above the threshold. In
addition, problems with microprocessor code execution can be
monitored and corrected with a watchdog timer. By including
watchdog strobe instructions in microprocessor code, a watch-
dog timer can detect if the microprocessor code breaks down or
becomes stuck in an infinite loop. If this happens, the watchdog
timer asserts a RESET pulse that restarts the microprocessor in
a known state.
RESET OUTPUT
The ADM8616 features an active-low, push-pull RESET output,
while the ADM8617 features an active-low, open-drain RESET
output. The RESET signal is guaranteed to be logic low and
logic high, respectively, for VCC down to 1 V.
The RESET output is asserted when VCC is below the RESET
threshold (VTH), or when WDI is not serviced within the
watchdog timeout period (tWD). RESET remains asserted for the
duration of the RESET active timeout period (tRP) after VCC rises
above the RESET threshold or after the watchdog timer times
out. Figure 11 illustrates the behavior of the RESET outputs.
VCC
1V
VCC
0V
VTH
VTH
0V
VCC
RESET
tRD
tRP
Figure 11. RESET Timing Diagram
WATCHDOG INPUT
The ADM8616/ADM8617 feature a watchdog timer that
monitors microprocessor activity. A timer circuit is cleared with
every low-to-high or high-to-low logic transition on the watch-
dog input pin (WDI), which detects pulses as short as 50 ns.
If the timer counts through the preset watchdog timeout period
(tWD), RESET is asserted. The microprocessor is required to
toggle the WDI pin to avoid being reset. Failure of the micro-
processor to toggle WDI within the timeout period, therefore,
indicates a code execution error, and the RESET pulse generated
restarts the microprocessor in a known state.
In addition to logic transitions on WDI, the watchdog timer
is also cleared by a RESET assertion due to an undervoltage
condition on VCC. When RESET is asserted, the watchdog timer
is cleared and does not begin counting again until RESET deas-
serts. The watchdog timer can be disabled by leaving WDI
floating or by three-stating the WDI driver.
VCC
1V
VCC
0V
VCC
0V
VTH
0V
VCC
WDI
RESET
tRP
tRD
tWD
Figure 12. Watchdog Timing Diagram


Podobny numer części - ADM8617_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8617LACYKS-RL AD-ADM8617LACYKS-RL Datasheet
109Kb / 7P
   Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
Rev. PrB
ADM8617LACYKS-RL7 AD-ADM8617LACYKS-RL7 Datasheet
109Kb / 7P
   Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
Rev. PrB
ADM8617MACYKS-RL AD-ADM8617MACYKS-RL Datasheet
109Kb / 7P
   Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
Rev. PrB
ADM8617MACYKS-RL7 AD-ADM8617MACYKS-RL7 Datasheet
109Kb / 7P
   Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
Rev. PrB
ADM8617RACYKS-RL AD-ADM8617RACYKS-RL Datasheet
109Kb / 7P
   Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
Rev. PrB
More results

Podobny opis - ADM8617_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8616 AD-ADM8616_07 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8616 AD-ADM8616_15 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8616 AD-ADM8616 Datasheet
109Kb / 7P
   Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
Rev. PrB
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823_VC AD-ADM823_VC Datasheet
197Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM823RYRJZ-R7 AD-ADM823RYRJZ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com