Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM8697 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADM8697
Szczegółowy opis  Microprocessor Supervisory Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM8697 Arkusz danych(HTML) 1 Page - Analog Devices

  ADM8697_15 Datasheet HTML 1Page - Analog Devices ADM8697_15 Datasheet HTML 2Page - Analog Devices ADM8697_15 Datasheet HTML 3Page - Analog Devices ADM8697_15 Datasheet HTML 4Page - Analog Devices ADM8697_15 Datasheet HTML 5Page - Analog Devices ADM8697_15 Datasheet HTML 6Page - Analog Devices ADM8697_15 Datasheet HTML 7Page - Analog Devices ADM8697_15 Datasheet HTML 8Page - Analog Devices ADM8697_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FUNCTIONAL BLOCK DIAGRAMS
1.3V
VOUT
VBATT
VCC
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
POWER FAIL
OUTPUT (PFO)
RESET
WATCHDOG
TIMER
BATT ON
OSC IN
OSC SEL
WATCHDOG
OUTPUT (WDO)
RESET
LOW LINE
LLIN
RESET GENERATOR
WATCHDOG
TRANSITION DETECTOR
TIMEBASE FOR RESET
AND WATCHDOG
ADM8696
1.3V
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
POWER FAIL
OUTPUT (PFO)
RESET
WATCHDOG
TIMER
OSC IN
OSC SEL
RESET
LOW LINE
WATCHDOG
OUTPUT (WDO)
LLIN
RESET GENERATOR
TIMEBASE FOR RESET
AND WATCHDOG
WATCHDOG
TRANSITION DETECTOR
ADM8697
CEIN
CEOUT
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Microprocessor
Supervisory Circuits
ADM8696/ADM8697
FEATURES
Upgrade for ADM696/ADM697, MAX696/MAX697
Specified Over Temperature
Adjustable Low Line Voltage Monitor
Power OK/Reset Time Delay
Reset Assertion Down to 1 V VCC
Watchdog Timer—100 ms, 1.6 s, or Adjustable
Low Switch On Resistance
0.7
Normal, 7
in Backup
400 nA Standby Current
Automatic Battery Backup Switching (ADM8696)
Fast On-Board Gating of Chip Enable Signals (ADM8697)
Voltage Monitor for Power Fail or Low Battery Warning
Also Available in TSSOP Package
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
The ADM8696/ADM8697 is fabricated using an advanced
epitaxial CMOS process combining low power consumption
(0.7 mW), extremely fast Chip Enable gating (2 ns) and high re-
liability.
RESET assertion is guaranteed with VCC as low as 1 V.
In addition, the power switching circuitry is designed for mini-
mal voltage drop thereby permitting increased output current drive
of up to 100 mA without the need for an external pass transistor.
GENERAL DESCRIPTION
The ADM8696/ADM8697 supervisory circuits offer complete
single chip solutions for power supply monitoring and battery
control functions in microprocessor systems. These functions
include
µP reset, backup battery switchover, watchdog timer,
CMOS RAM write protection and power failure warning.
The ADM8696/ADM8697 are available in 16-pin DIP and small
outline packages (including TSSOP) and provide the following
functions:
1. Power-On Reset output during power-up, power-down and
brownout conditions. The RESET voltage threshold is
adjustable using an external voltage divider. The
RESET out-
put remains operational with VCC as low as 1 V.
2. A Reset pulse if the optional watchdog timer has not been
toggled within specified time.
3. Separate watchdog timeout and low line status outputs.
4. Adjustable reset and watchdog timeout periods.
5. A 1.3 V threshold detector for power fail warning, low battery
detection or to monitor a power supply other than VCC.
6. Battery backup switching for CMOS RAM, CMOS micro-
processor or other low power logic (ADM8696).
7. Write protection of CMOS RAM or EEPROM (ADM8697).
©1997-2010 Analog Devices, Inc. All rights reserved.
REV. A
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Automotive Systems
Critical µP Power Monitoring
Qualified for Automotive Applications


Podobny numer części - ADM8697_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8697AN AD-ADM8697AN Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM8697ARU AD-ADM8697ARU Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM8697ARW AD-ADM8697ARW Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Podobny opis - ADM8697_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com