Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF245 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części IRF245
Szczegółowy opis  14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF245 Arkusz danych(HTML) 4 Page - Intersil Corporation

  IRF245 Datasheet HTML 1Page - Intersil Corporation IRF245 Datasheet HTML 2Page - Intersil Corporation IRF245 Datasheet HTML 3Page - Intersil Corporation IRF245 Datasheet HTML 4Page - Intersil Corporation IRF245 Datasheet HTML 5Page - Intersil Corporation IRF245 Datasheet HTML 6Page - Intersil Corporation IRF245 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-4
IRF244, IRF245, IRF246, IRF247
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
25
150
15
12
9
0
6
3
IRF245, IRF247
125
IRF244, IRF246
10
1
0.1
0.01
10-2
10-5
10-4
10-3
0.1
1
10
t1, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
DUTY FACTOR: D = t1/t2
t2
PDM
t1
NOTES:
t2
PEAK TJ = PDM x ZθJC + TC
0.2
0.1
0.05
0.01
0.02
0.001
0.5
100
10
110
100
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
µs
100
µs
1ms
DC
10ms
IRF246,
IRF244, 246
1000
TJ = MAX RATED
SINGLE PULSE
TC = 25
oC
OPERATION IN THIS
REGION IS LIMITED
BY rDS(ON)
IRF244, 246
IRF245, 247
IRF245, 247
IRF247
IRF244,
IRF245
1000
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
25
50
75
100
0
125
25
20
15
0
10
VGS =5.5V
VGS =4.5V
VGS = 5.0V
VGS =4.0V
80
µs PULSE TEST
5
VGS =6.0V
VGS =10V


Podobny numer części - IRF245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRF245 ISC-IRF245 Datasheet
48Kb / 2P
   Static Drain-Source On-Resistance
More results

Podobny opis - IRF245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
IRFP244 INTERSIL-IRFP244 Datasheet
68Kb / 7P
   15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Intersil Corporation
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
   14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
   N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
   4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com