Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF740 Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części IRF740
Szczegółowy opis  10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF740 Arkusz danych(HTML) 5 Page - Intersil Corporation

  IRF740 Datasheet HTML 1Page - Intersil Corporation IRF740 Datasheet HTML 2Page - Intersil Corporation IRF740 Datasheet HTML 3Page - Intersil Corporation IRF740 Datasheet HTML 4Page - Intersil Corporation IRF740 Datasheet HTML 5Page - Intersil Corporation IRF740 Datasheet HTML 6Page - Intersil Corporation IRF740 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-243
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
20
1.25
1.05
0.85
100
TJ, JUNCTION TEMPERATURE (
oC)
1.15
0.95
0.75
140
-40
60
160
120
80
40
0
-60
-20
ID = 250µA
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
2500
2000
1500
1000
500
0
25
103
10
CISS
102
5
22
5
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
COSS
CRSS
ID, DRAIN CURRENT (A)
4
8
12
16
020
15
12
9
0
6
3
TJ = 25
oC
TJ = 150
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
VSD, SOURCE TO DRAIN VOLTAGE (V)
10
0
0.3
0.6
0.9
1.5
1.0
1.2
0.1
100
TJ = 150
oC
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
Qg, GATE CHARGE (nC)
12
24
36
48
060
20
8
16
12
0
ID = 10A
4
VDS = 320V
VDS = 200V
VDS = 80V
IRF740


Podobny numer części - IRF740

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
IRF740 STMICROELECTRONICS-IRF740 Datasheet
93Kb / 8P
   N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
logo
Inchange Semiconductor ...
IRF740 ISC-IRF740 Datasheet
279Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
logo
List of Unclassifed Man...
IRF740 ETC2-IRF740 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results

Podobny opis - IRF740

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
IRFP340 INTERSIL-IRFP340 Datasheet
57Kb / 7P
   11A, 400V, 0.550 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
logo
Thinki Semiconductor Co...
IRF740PBF THINKISEMI-IRF740PBF Datasheet
914Kb / 6P
   10A,400V Heatsink N-Channel Type Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com