Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF820 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części IRF820
Szczegółowy opis  2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF820 Arkusz danych(HTML) 4 Page - Intersil Corporation

  IRF820 Datasheet HTML 1Page - Intersil Corporation IRF820 Datasheet HTML 2Page - Intersil Corporation IRF820 Datasheet HTML 3Page - Intersil Corporation IRF820 Datasheet HTML 4Page - Intersil Corporation IRF820 Datasheet HTML 5Page - Intersil Corporation IRF820 Datasheet HTML 6Page - Intersil Corporation IRF820 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-248
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
100
102
1
10
1
0.1
103
10
µs
100
µs
1ms
10ms
DC
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
OPERATION IN THIS AREA
IS LIMITED BY rDS(ON)
0
50
100
150
200
1
2
3
4
5
250
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
VGS = 5.5V
VGS = 5.0V
VGS = 4.5V
VGS = 4.0V
VGS = 6.0V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
1
0
4
812
20
2
3
VDS, DRAIN TO SOURCE VOLTAGE (V)
4
16
5
VGS = 5.0V
VGS = 4.0V
VGS = 4.5V
VGS = 5.5V
VGS = 6.0V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
02468
VGS, GATE TO SOURCE VOLTAGE (V)
10
1
0.1
10-2
TJ = 150
oC
10
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
ID, DRAIN CURRENT (A)
10
8
6
4
2
0
0246
810
VGS = 20V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
3.0
1.8
1.2
0.6
0
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
2.4
80
160
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 2.5A
IRF820


Podobny numer części - IRF820

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
IRF820 MOTOROLA-IRF820 Datasheet
140Kb / 2P
   N-CHANNEL Enhancement-Mode Silicon Gate TMOS
logo
Vishay Siliconix
IRF820 VISHAY-IRF820 Datasheet
156Kb / 8P
   Power MOSFET
01-Jan-2022
logo
STMicroelectronics
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
   N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
logo
Samsung semiconductor
IRF820 SAMSUNG-IRF820 Datasheet
322Kb / 6P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF820 FAIRCHILD-IRF820 Datasheet
157Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
More results

Podobny opis - IRF820

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
   2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
IRFF420 INTERSIL-IRFF420 Datasheet
326Kb / 7P
   1.6A, 500V, 3.000 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD3N50NZ FAIRCHILD-FDD3N50NZ Datasheet
550Kb / 8P
   N-Channel MOSFET 500V, 2.5A, 2.5?
logo
Intersil Corporation
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
   2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
   10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
IRF840 INTERSIL-IRF840 Datasheet
56Kb / 7P
   8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
   4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
IRFF430 INTERSIL-IRFF430 Datasheet
325Kb / 7P
   2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com